Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1489MEL Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC1489MEL
Description  Quad Line EIA??32D Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489MEL Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC1489MEL Datasheet HTML 3Page - ON Semiconductor MC1489MEL Datasheet HTML 4Page - ON Semiconductor MC1489MEL Datasheet HTML 5Page - ON Semiconductor MC1489MEL Datasheet HTML 6Page - ON Semiconductor MC1489MEL Datasheet HTML 7Page - ON Semiconductor MC1489MEL Datasheet HTML 8Page - ON Semiconductor MC1489MEL Datasheet HTML 9Page - ON Semiconductor MC1489MEL Datasheet HTML 10Page - ON Semiconductor MC1489MEL Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC1489, MC1489A
http://onsemi.com
7
Figure 12. Typical Translator Application − MOS to DTL or TTL
Response−Control Pin
1/2 MC1489
Response−Control Pin
Input
VCC
8.0 k
VCC
Input
Output
Output
+5.0 Vdc
+5.0 Vdc
DTL or TTL
R
+5.0 Vdc
−VDD
MC1489
−VGG
MOS
Logic
Figure 13. Typical Paralleling of Two MC1489, A Receivers to Meet EIA−232D
8.0 k


Similar Part No. - MC1489MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1489MEL ONSEMI-MC1489MEL Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
More results

Similar Description - MC1489MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
Texas Instruments
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com