Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F001GI-12TT Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT28F001GI-12TT
Description  1 Megabit CMOS Boot Block Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F001GI-12TT Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT28F001GI-12TT Datasheet HTML 2Page - Catalyst Semiconductor CAT28F001GI-12TT Datasheet HTML 3Page - Catalyst Semiconductor CAT28F001GI-12TT Datasheet HTML 4Page - Catalyst Semiconductor CAT28F001GI-12TT Datasheet HTML 5Page - Catalyst Semiconductor CAT28F001GI-12TT Datasheet HTML 6Page - Catalyst Semiconductor CAT28F001GI-12TT Datasheet HTML 7Page - Catalyst Semiconductor CAT28F001GI-12TT Datasheet HTML 8Page - Catalyst Semiconductor CAT28F001GI-12TT Datasheet HTML 9Page - Catalyst Semiconductor CAT28F001GI-12TT Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CAT28F001
6
Doc. No. 1078, Rev. I
A.C. CHARACTERISTICS, Program/Erase Operation
VCC = +5V ±10%
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
C
E
D
E
J
l
o
b
m
y
S
d
r
a
d
n
a
t
S
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
0
9
-
1
0
0
F
8
22
1
-
1
0
0
F
8
2
s
t
i
n
U
n
i
Mx
a
Mn
i
Mx
a
M
t
V
A
V
A
t C
W
e
m
i
T
e
l
c
y
C
e
t
i
r
W0
90
2
1s
n
t
H
W
V
A
t S
A
o
t
p
u
t
e
S
s
s
e
r
d
d
A
E
W
h
g
i
H
g
n
i
o
G0
40
4s
n
t
X
A
H
W
t H
A
m
o
r
f
e
m
i
T
d
l
o
H
s
s
e
r
d
d
A
E
W
h
g
i
H
g
n
i
o
G0
10
1s
n
t
H
W
V
D
t S
D
o
t
e
m
i
T
p
u
t
e
S
a
t
a
D
E
W
h
g
i
H
g
n
i
o
G0
40
4s
n
t
X
D
H
W
t H
D
m
o
r
f
e
m
i
T
d
l
o
H
a
t
a
D
E
W
h
g
i
H
g
n
i
o
G0
10
1s
n
t
L
W
L
E
t S
C
E
C
o
t
e
m
i
T
p
u
t
e
S
E
W
w
o
L
g
n
i
o
G
00
s
n
t
H
E
H
W
t H
C
E
C
m
o
r
f
e
m
i
T
d
l
o
H
E
W
h
g
i
H
g
n
i
o
G
00
s
n
t
H
W
L
W
t P
W
E
W
h
t
d
i
W
e
s
l
u
P
0
40
4s
n
t
L
W
H
W
t
H
P
W
E
W
h
t
d
i
W
e
s
l
u
P
h
g
i
H
0
10
1s
n
t
G
H
W
L—
d
a
e
R
e
r
o
f
e
B
e
m
i
T
y
r
e
v
o
c
e
R
e
t
i
r
W0
0
µs
t
L
W
H
P
t S
P
)
1
(
P
R
o
t
y
r
e
v
o
c
e
R
h
g
i
H
E
W
w
o
L
g
n
i
o
G
0
8
40
8
4s
n
t
H
W
H
H
P
t
S
H
P
)
1
(
P
R V H
H
o
t
p
u
t
e
S
E
W
h
g
i
H
g
n
i
o
G
0
0
10
0
1s
n
t
H
W
P
V
t
S
P
V
)
1
(
V P
P
o
t
p
u
t
e
S
E
W
h
g
i
H
g
n
i
o
G0
0
10
0
1s
n
t
1
V
Q
H
W
—s
n
o
i
t
a
r
e
p
O
g
n
i
m
m
a
r
g
o
r
P
f
o
n
o
i
t
a
r
u
D5
15
1
µs
t
2
V
Q
H
W
—)
t
o
o
B
(
s
n
o
i
t
a
r
e
p
O
e
s
a
r
E
f
o
n
o
i
t
a
r
u
D3
.
13
.
1c
e
S
t
3
V
Q
H
W
—)
r
e
t
e
m
a
r
a
P
(
s
n
o
i
t
a
r
e
p
O
e
s
a
r
E
f
o
n
o
i
t
a
r
u
D3
.
13
.
1c
e
S
t
4
V
Q
H
W
—)
n
i
a
M
(
s
n
o
i
t
a
r
e
p
O
e
s
a
r
E
f
o
n
o
i
t
a
r
u
D3
3
c
e
S
t
L
V
V
Q
t
H
P
V
)
1
(
V P
P
a
t
a
D
g
e
R
s
u
t
a
t
S
d
il
a
V
m
o
r
f
d
l
o
H0
0
s
n
t
H
P
V
Q
t
H
H
P
)
1
(
P
R V H
H
a
t
a
D
g
e
R
s
u
t
a
t
S
m
o
r
f
d
l
o
H
00
s
n
t
R
B
H
P
)
1
(
—y
a
l
e
D
k
c
o
l
e
R
k
c
o
l
B
t
o
o
B0
0
10
0
1s
n
t
L
W
H
H
G
E
O V H
H
o
t
p
u
t
e
S
E
W
w
o
L
g
n
i
o
G
0
8
40
8
4s
n
t
H
G
H
W
E
O V H
H
m
o
r
f
d
l
o
H
E
W
h
g
i
H
0
8
40
8
4s
n


Similar Part No. - CAT28F001GI-12TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F001GI-12TT ONSEMI-CAT28F001GI-12TT Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results

Similar Description - CAT28F001GI-12TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com