Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C64PSATE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT25C64PSATE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C64PSATE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25C64PSATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C64PSATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C64PSATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C64PSATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C64PSATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C64PSATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C64PSATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C64PSATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C64PSATE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
CAT25C32/64
Doc. No. 1001, Rev. G
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
Figure 8. Page Write Instruction Timing
Note: Dashed Line = mode (1, 1) – – – –
Note: Dashed Line= mode (1, 1) — — — —
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
Data
Byte 1
012345678
21
22
23 24-31
32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
proper number of clock cycles to start an internal write
cycle. Access to the array during an internal write cycle
is ignored and program-ming is continued. On power up,
SO is in a high impedance.
When powering down, the supply should be taken down
to 0V, so that the CAT25C32/64 will be reset when
power is ramped back up. If this is not possible, then,
following a brown-out episode, the CAT25C32/64 can
be reset by refreshing the contents of the Status Regis-
ter (See Application Note AN10).


Similar Part No. - CAT25C64PSATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C64P-1.8-GT3 CATALYST-CAT25C64P-1.8-GT3 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C64P-1.8TE13 CATALYST-CAT25C64P-1.8TE13 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT25C64P-1.8TE13 CATALYST-CAT25C64P-1.8TE13 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C64P-GT3 CATALYST-CAT25C64P-GT3 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C64P-TE13 CATALYST-CAT25C64P-TE13 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
More results

Similar Description - CAT25C64PSATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com