Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1488MG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC1488MG
Description  Quad Line EIA??32D Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1488MG Datasheet(HTML) 4 Page - ON Semiconductor

  MC1488MG Datasheet HTML 1Page - ON Semiconductor MC1488MG Datasheet HTML 2Page - ON Semiconductor MC1488MG Datasheet HTML 3Page - ON Semiconductor MC1488MG Datasheet HTML 4Page - ON Semiconductor MC1488MG Datasheet HTML 5Page - ON Semiconductor MC1488MG Datasheet HTML 6Page - ON Semiconductor MC1488MG Datasheet HTML 7Page - ON Semiconductor MC1488MG Datasheet HTML 8Page - ON Semiconductor MC1488MG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC1488
http://onsemi.com
4
CHARACTERISTIC DEFINITIONS
10
13
9
4
12
5
1
2
14
9.0 V
5.0 V
IIH
IIL
−9.0 V
7
1.9 V
7
VOL
9.0 V
VOH
0.8 V
VOL
3.0 k
VOH
14
1
−9.0 V
2
4
9
12
3
6
8
11
9
2
14
4
5
IOS +
1
11
6
8
13
9
4
12
3
1
± 6.6 mA Max
3
7
8
6
11
0.8 V
2
1.9 V
14
VEE
VCC
7
10
12
IOS ±
VO
± 2.0 Vdc
IOS −
tTHL and tTLH Measured 10% to 90%
VO
15 pF
3.0 k
50%
tPHL
tPLH
tTLH
tTHL
ein
0 V
3.0 V
1.5 V
ein
VO
ICC
VIL
2
VCC
1
14
7
12
4
9
IEE
VEE
1.9 V
VIH
0.8 V
Figure 3. Input Voltage
Figure 4. Output Current
Figure 5. Output Short−Circuit Current
Figure 6. Output Resistance (Power Off)
Figure 7. Power Supply Currents
Figure 8. Switching Response


Similar Part No. - MC1488MG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
STMicroelectronics
MC1488 STMICROELECTRONICS-MC1488 Datasheet
323Kb / 12P
   RS232C QUAD LINE DRIVER
logo
Texas Instruments
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
Motorola, Inc
MC1488 MOTOROLA-MC1488 Datasheet
323Kb / 12P
   RS-232C QUAD LINE DRIVER
More results

Similar Description - MC1488MG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1489 ONSEMI-MC1489_06 Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Motorola, Inc
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com