Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F512LA-12T Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT28F512LA-12T
Description  512K-Bit CMOS Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F512LA-12T Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT28F512LA-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28F512LA-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28F512LA-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28F512LA-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F512LA-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F512LA-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F512LA-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F512LA-12T Datasheet HTML 9Page - Catalyst Semiconductor CAT28F512LA-12T Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT28F512
6
Doc. No. 1084, Rev. H
A.C. CHARACTERISTICS, Program/Erase Operation
VCC = +5V ±10%, unless otherwise specified.
JEDEC
Standard
28F512-90
28F512-12
28F512-15
Symbol
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Unit
tAVAV
tWC
Write Cycle Time
90
120
150
ns
tAVWL
tAS
Address Setup Time
0
0
0
ns
tWLAX
tAH
Address Hold Time
40
40
40
ns
tDVWH
tDS
Data Setup Time
40
40
40
ns
tWHDX
tDH
Data Hold Time
10
10
10
ns
tELWL
tCS
CE Setup Time
0
0
0
ns
tWHEH
tCH
CE Hold Time
0
0
0
ns
tWLWH
tWP
WE Pulse Width
40
40
40
ns
tWHWL
tWPH
WE High Pulse Width
20
20
20
ns
tWHWH1(2)
-
Program Pulse Width
10
10
10
µs
tWHWH2(2)
-
Erase Pulse Width
9.5
9.5
9.5
ms
tWHGL
-
Write Recovery Time Before Read
6
6
6
µs
tGHWL
-
Read Recovery Time Before Write
0
0
0
µs
tVPEL
-VPP Setup Time to CE
100
100
100
ns
ERASE AND PROGRAMMING PERFORMANCE(1)
28F512-90
28F512-12
28F512-15
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Chip Erase Time(3)(5)
0.5
10
0.5
10
0.5
10
sec
Chip Program Time(3)(4)
1
6
16
16
sec
Note:
(1)
Please refer to Supply characteristics for the value of VPPH and VPPL. The VPP supply can be either hardwired or switched. If VPP is switched,
VPPL can be ground, less than VCC + 2.0V or a no connect with a resistor tied to ground.
(2)
Program and Erase operations are controlled by internal stop timers.
(3)
‘Typicals’ are not guaranteed, but based on characterization data. Data taken at 25
°C, 12.0V VPP.
(4)
Minimum byte programming time (excluding system overhead) is 16
µs (10 µs program + 6 µs write recovery), while maximum is 400 µs/
byte (16
µs x 25 loops). Max chip programming time is specified lower than the worst case allowed by the programming algorithm since
most bytes program significantly faster than the worst case byte.
(5)
Excludes 00H Programming prior to Erasure.


Similar Part No. - CAT28F512LA-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F512LA12 ONSEMI-CAT28F512LA12 Datasheet
107Kb / 16P
   512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
CAT28F512LA15 ONSEMI-CAT28F512LA15 Datasheet
107Kb / 16P
   512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
CAT28F512LA90 ONSEMI-CAT28F512LA90 Datasheet
107Kb / 16P
   512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
More results

Similar Description - CAT28F512LA-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F512 CATALYST-CAT28F512 Datasheet
97Kb / 14P
   512K-Bit CMOS Flash Memory
logo
ON Semiconductor
CAT28F512 ONSEMI-CAT28F512 Datasheet
107Kb / 16P
   512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Intel Corporation
28F512 INTEL-28F512 Datasheet
1Mb / 30P
   512K(64Kx8)CMOS FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
ACE Technology Co., LTD...
ACE25C512 ACE-ACE25C512 Datasheet
1Mb / 34P
   512K-BIT Serial Flash Memory
VER 1.2
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
   512K X 8 CMOS FLASH MEMORY
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com