Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1488DR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC1488DR2
Description  Quad Line EIA??32D Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1488DR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC1488DR2 Datasheet HTML 2Page - ON Semiconductor MC1488DR2 Datasheet HTML 3Page - ON Semiconductor MC1488DR2 Datasheet HTML 4Page - ON Semiconductor MC1488DR2 Datasheet HTML 5Page - ON Semiconductor MC1488DR2 Datasheet HTML 6Page - ON Semiconductor MC1488DR2 Datasheet HTML 7Page - ON Semiconductor MC1488DR2 Datasheet HTML 8Page - ON Semiconductor MC1488DR2 Datasheet HTML 9Page - ON Semiconductor MC1488DR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC1488
http://onsemi.com
6
APPLICATIONS INFORMATION
The Electronic Industries Association EIA−232D
specification details the requirements for the interface
between
data
processing
equipment
and
data
communications equipment. This standard specifies not
only the number and type of interface leads, but also the
voltage levels to be used. The MC1488 quad driver and its
companion circuit, the MC1489 quad receiver, provide a
complete interface system between DTL or TTL logic levels
and the EIA−232D defined levels. The EIA−232D
requirements as applied to drivers are discussed herein.
The required driver voltages are defined as between
5.0 and 15 V in magnitude and are positive for a Logic “0”
and negative for a Logic “1.” These voltages are so defined
when the drivers are terminated with a 3000 to 7000
W
resistor. The MC1488 meets this voltage requirement by
converting a DTL/TTL logic level into EIA−232D levels
with one stage of inversion.
The EIA−232D specification further requires that
during transitions, the driver output slew rate must not
exceed 30 V per microsecond. The inherent slew rate of the
MC1488 is much too fast for this requirement. The current
limited output of the device can be used to control this slew
rate by connecting a capacitor to each driver output. The
required capacitor can be easily determined by using the
relationship C = IOS x DT/DV from which Figure 14 is
derived. Accordingly, a 330 pF capacitor on each output
will guarantee a worst case slew rate of 30 V per
microsecond.
1000
10
100
1.0
10
333 pF
30 V/
ms
Figure 14. Slew Rate versus Capacitance
for ISC = 10 mA
C, CAPACITANCE (pF)
10,000
100
1,000
1.0
The interface driver is also required to withstand an
accidental short to any other conductor in an
interconnecting cable. The worst possible signal on any
conductor would be another driver using a plus or minus
15 V, 500 mA source. The MC1488 is designed to
indefinitely withstand such a short to all four outputs in a
package as long as the power supply voltages are greater
than 9.0 V (i.e., VCC q 9.0 V; VEE p − 9.0 V). In some
power supply designs, a loss of system power causes a low
impedance on the power supply outputs. When this occurs,
a low impedance to ground would exist at the power inputs
to the MC1488 effectively shorting the 300
W output
resistors to ground. If all four outputs were then shorted to
plus or minus 15 V, the power dissipation in these resistors
would be excessive. Therefore, if the system is designed to
permit low impedances to ground at the power supplies of
the drivers, a diode should be placed in each power supply
lead to prevent overheating in this fault condition. These two
diodes, as shown in Figure 15, could be used to decouple all
the driver packages in a system. (These same diodes will
allow the MC1488 to withstand momentary shorts to the
±25 V limits specified in the earlier Standard EIA−232B.)
The addition of the diodes also permits the MC1488 to
withstand faults with power supplies of less than the 9.0 V
stated above.
Figure 15. Power Supply Protection
to Meet Power Off Fault Conditions
VCC
14
MC1488
VEE
7
MC1488
14
MC1488
14
7
1
17
1
The maximum short circuit current allowable under
fault conditions is more than guaranteed by the previously
mentioned 10 mA output current limiting.
Other Applications
The MC1488 is an extremely versatile line driver with
a myriad of possible applications. Several features of the
drivers enhance this versatility:
1. Output Current Limiting − this enables the circuit
designer to define the output voltage levels independent of
power supplies and can be accomplished by diode
clamping of the output pins. Figure 16 shows the MC1488
used as a DTL to MOS translator where the high level
voltage output is clamped one diode above ground. The
resistor divider shown is used to reduce the output voltage
below the 300 mV above ground MOS input level limit.


Similar Part No. - MC1488DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488D ONSEMI-MC1488D Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
STMicroelectronics
MC1488D STMICROELECTRONICS-MC1488D Datasheet
323Kb / 12P
   RS232C QUAD LINE DRIVER
logo
Texas Instruments
MC1488D TI-MC1488D Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1488D ARTSCHIP-MC1488D Datasheet
377Kb / 7P
   Quad Line Driver
logo
Motorola, Inc
MC1488D1 MOTOROLA-MC1488D1 Datasheet
323Kb / 12P
   RS-232C QUAD LINE DRIVER
More results

Similar Description - MC1488DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1489 ONSEMI-MC1489_06 Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Motorola, Inc
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com