Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10116 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10116
Description  Triple Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10116 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10116 Datasheet HTML 1Page - ON Semiconductor MC10116 Datasheet HTML 2Page - ON Semiconductor MC10116 Datasheet HTML 3Page - ON Semiconductor MC10116 Datasheet HTML 4Page - ON Semiconductor MC10116 Datasheet HTML 5Page - ON Semiconductor MC10116 Datasheet HTML 6Page - ON Semiconductor MC10116 Datasheet HTML 7Page - ON Semiconductor MC10116 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 7
1
Publication Order Number:
MC10116/D
MC10116
Triple Line Receiver
The MC10116 is a triple differential amplifier designed for use in
sensing differential signals over long lines. The base bias supply
(VBB) is made available at pin 11 to make the device useful as a
Schmitt trigger, or in other applications where a stable reference
voltage is necessary.
Active current sources provide the MC10116 with excellent
common mode noise rejection. If any amplifier in a package is not
used, one input of that amplifier must be connected to VBB (pin 11) to
prevent upsetting the current source bias network.
Complementary outputs are provided to allow driving twisted pair
lines, to enable cascading of several amplifiers in a chain, or simply to
provide complement outputs of the input logic function.
P
D = 85 mW typ/pkg (No Load)
t
pd = 2.0 ns typ
t
r, tf = 2.0 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
5
4
11
3
2
10
9
7
6
13
12
15
14
VBB*
*VBB to be used to supply bias to the MC10116 only and bypassed (when used)
with 0.01
µF to 0.1 µF capacitor to ground (0 V). VBB can source < 1.0 mA.
When the input pin with the bubble goes positive, the output pin with the bubble
goes positive.
DIP
PIN ASSIGNMENT
VCC1
AOUT
AOUT
AIN
AIN
BOUT
BOUT
VEE
VCC2
COUT
COUT
CIN
CIN
VBB
BIN
BIN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10116L
CDIP–16
25 Units / Rail
MC10116P
PDIP–16
25 Units / Rail
MC10116FN
PLCC–20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10116L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10116
AWLYYWW
1
1
16
MC10116P
AWLYYWW


Similar Part No. - MC10116

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
More results

Similar Description - MC10116

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com