Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC1413BD Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC1413BD
Description  High Voltage, High Current Darlington Transistor Arrays
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 8
1
Publication Order Number:
MC1413/D
MC1413, MC1413B,
NCV1413B
High Voltage, High Current
Darlington Transistor Arrays
The seven NPN Darlington connected transistors in these arrays are
well suited for driving lamps, relays, or printer hammers in a variety of
industrial and consumer applications. Their high breakdown voltage
and internal suppression diodes insure freedom from problems
associated with inductive loads. Peak inrush currents to 500 mA
permit them to drive incandescent lamps.
The MC1413, B with a 2.7 k
W series input resistor is well suited for
systems utilizing a 5.0 V TTL or CMOS Logic.
Features
Pb−Free Packages are Available*
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Figure 1. Representative Schematic Diagram
5.0 k
3.0 k
Pin 9
1/7 MC1413, B
2.7 k
Figure 2. PIN CONNECTIONS
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
(Top View)
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques Reference
Manual, SOLDERRM/D.
http://onsemi.com
PDIP−16
P SUFFIX
CASE 648
1
16
1
16
SOIC−16
D SUFFIX
CASE 751B
Device
Package
Shipping
ORDERING INFORMATION
MC1413D
SOIC−16
48 Units/Rail
MC1413DR2
SOIC−16
2500 Tape & Reel
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION
MC1413P
PDIP−16
25 Units/Rail
MC1413BD
SOIC−16
48 Units/Rail
MC1413BDR2
SOIC−16
2500 Tape & Reel
MC1413BP
PDIP−16
25 Units/Rail
NCV1413BDR2
SOIC−16
2500 Tape & Reel
MC1413PG
PDIP−16
(Pb−Free)
25 Units/Rail
MC1413BDR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MC1413DR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC1413DG
SOIC−16
(Pb−Free)
48 Units/Tube
MC1413BDG
SOIC−16
(Pb−Free)
48 Units/Rail
MC1413BPG
PDIP−16
(Pb−Free)
25 Units/Rail
NCV1413BDR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PS2562-1HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
HE8051LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR 1 2 Unisonic Technologies
HE8550_05LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR 1 2 3 4 Unisonic Technologies
PS2566-1HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreCalifornia Eastern Labs
HE8551LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR 1 2 Unisonic Technologies
BU931T_03HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STD790AT4Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
8550SLOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR 1 2 3 4 Unisonic Technologies
STD888T4Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl