Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT803SSDIT10 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT803SSDIT10
Description  3-Pin Microprocessor Power Supply Supervisors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT803SSDIT10 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT803SSDIT10 Datasheet HTML 1Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 2Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 3Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 4Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 5Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 6Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 7Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 8Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT803, CAT809, CAT810
5
Doc No. 3004, Rev. X
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TyPICAL OPERATInG CHARACTERISTICS
VCC = Full range, TA = -40ºC to +85ºC unless otherwise noted. Typical values at TA = +25ºC and VCC = 5V for
L/M/J versions, VCC=3.3V for T/S versions, VCC = 3V for R version and VCC = 2.5V for Z version.
SUPPLY CURRENT VS. TEMPERATURE
(NO LOAD, CAT8xxR/S/T/Z)
12
10
8
6
4
2
0
-50
0
50
100
150
TEMPERATURE (˚C)
POWER-DOWN RESET DELAY VS. TEMPERATURE
(CAT8xxR/S/T/Z)
14
12
10
8
6
4
2
0
TEMPERATURE (˚C)
POWER-UP RESET TIMEOUT
VS. TEMPERATURE
260
240
220
200
180
160
TEMPERATURE (˚C)
NORMALIZED RESET THRESHOLD
VS. TEMPERATURE
1.0002
1
0.9998
0.9996
0.9994
0.9992
0.999
0.9988
0
20
40
60
80
100
120
TEMPERATURE (˚C)
VCC=3.6V
VCC=5.5V
-50
0
50
100
150
VCC=5V
VCC=2.5V
-50
0
50
100
150


Similar Part No. - CAT803SSDIT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT803SSDIT3 ONSEMI-CAT803SSDIT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Similar Description - CAT803SSDIT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com