Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEP210FARG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100LVEP210FARG
Description  2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP210FARG Datasheet(HTML) 2 Page - ON Semiconductor

  MC100LVEP210FARG Datasheet HTML 1Page - ON Semiconductor MC100LVEP210FARG Datasheet HTML 2Page - ON Semiconductor MC100LVEP210FARG Datasheet HTML 3Page - ON Semiconductor MC100LVEP210FARG Datasheet HTML 4Page - ON Semiconductor MC100LVEP210FARG Datasheet HTML 5Page - ON Semiconductor MC100LVEP210FARG Datasheet HTML 6Page - ON Semiconductor MC100LVEP210FARG Datasheet HTML 7Page - ON Semiconductor MC100LVEP210FARG Datasheet HTML 8Page - ON Semiconductor MC100LVEP210FARG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC100LVEP210
http://onsemi.com
2
CLKn*, CLKn**
ECL/PECL/HSTL CLK Inputs
VBB
Reference Voltage Output
VCC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1234
5678
24
23
22
21
20
19
18
17
16
Qb4
Qb4
Qb3
Qb3
Qb2
Qb2
VCC
VCC
Qa0
Qa0
Qa1
Qa1
Qa2
Qa2
VCC
VEE
VBB
VCC
Qb1
Qb1
Qb0
Qb0
Qa4
Qa4
Qa3 Qa3
Qa0
Qa0
Qa1
Qa1
Qa2
Qa2
Qa3
Qa3
Qa4
Qa4
VBB
CLKa
CLKa
NC
Qb0
Qb0
Qb1
Qb1
Qb2
Qb2
Qb3
Qb3
Qb4
Qb4
CLKb
CLKb
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
PIN
Qn0:4, Qn0:4
ECL/PECL Outputs
FUNCTION
VCC
Positive Supply
VEE
Negative Supply
Figure 1. LQFP−32 Pinout (Top View)
Figure 2. Logic Diagram
* Pins will default LOW when left open.
** Pins will default to VCC/2 when left open.
MC100LVEP210
VEE
VCC
Table 1. PIN DESCRIPTION
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pull−up Resistor
37.5 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 100 V
> 2 kV
Moisture Sensitivity (Note 1)
Level 2
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
461 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - MC100LVEP210FARG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP210FARG ONSEMI-MC100LVEP210FARG Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
More results

Similar Description - MC100LVEP210FARG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com