Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C256T13I-15T Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT28C256T13I-15T
Description  256K-Bit Parallel EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C256T13I-15T Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT28C256T13I-15T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C256T13I-15T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C256T13I-15T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C256T13I-15T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C256T13I-15T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C256T13I-15T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C256T13I-15T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C256T13I-15T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C256T13I-15T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CAT28C256
256K-Bit Parallel EEPROM
FEATURES
Fast read access times: 120/150ns
Low power CMOS dissipation:
–Active: 25 mA max
–Standby: 150
µA max
Simple write operation:
–On-chip address and data latches
–Self-timed write cycle with auto-clear
Fast write cycle time:
–5ms max
CMOS and TTL compatible I/O
Hardware and software write protection
Automatic page write operation:
–1 to 64 bytes in 5ms
–Page load timer
End of write detection:
–Toggle bit
DATA
DATA
DATA
DATA
DATA polling
100,000 program/erase cycles
100 year data retention
Commerical, industrial and automotive
temperature ranges
DESCRIPTION
The CAT28C256 is a fast, low power, 5V-only CMOS
parallel EEPROM organized as 32K x 8-bits. It requires a
simple interface for in-system programming. On-chip
address and data latches, self-timed write cycle with auto-
clear and VCC power up/down write protection eliminate
additional timing and protection hardware. DATA Polling
and Toggle status bits signal the start and end of the self-
timed write cycle. Additionally, the CAT28C256 features
hardware and software write protection.
The CAT28C256 is manufactured using Catalyst’s ad-
vanced CMOS floating gate technology. It is designed to
endure 100,000 program/erase cycles and has a data
retention of 100 years. The device is available in JEDEC
approved 28-pin DIP, 28-pin TSOP or 32-pin PLCC
packages.
BLOCK DIAGRAM
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ADDR. BUFFER
& LATCHES
ADDR. BUFFER
& LATCHES
INADVERTENT
WRITE
PROTECTION
CONTROL
LOGIC
TIMER
ROW
DECODER
COLUMN
DECODER
HIGH VOLTAGE
GENERATOR
A6–A14
CE
OE
WE
A0–A5
I/O0–I/O7
I/O BUFFERS
32,768 x 8
EEPROM
ARRAY
64 BYTE PAGE
REGISTER
VCC
DATA POLLING
AND
TOGGLE BIT
Doc. No. 1004, Rev. D
ALO
GEN FR
TM
LEAD FREE


Similar Part No. - CAT28C256T13I-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C256T13I-15T CATALYST-CAT28C256T13I-15T Datasheet
75Kb / 10P
   32K-Bit Parallel E2PROM
logo
ON Semiconductor
CAT28C256T13I-15T ONSEMI-CAT28C256T13I-15T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
More results

Similar Description - CAT28C256T13I-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257_04 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28LV256 ONSEMI-CAT28LV256 Datasheet
81Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1071, Rev. E
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com