Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C0A1GLA-1.8TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24C0A1GLA-1.8TE13
Description  1K-Bit Serial EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C0A1GLA-1.8TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

  CAT24C0A1GLA-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C0A1GLA-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C0A1GLA-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C0A1GLA-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C0A1GLA-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C0A1GLA-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C0A1GLA-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C0A1GLA-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Discontinued
Part
CAT24C01B
7
Doc. No. 1081, Rev. E
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 7. Byte Read Timing
BUS ACTIVITY
MASTER
SDA LINE
DATA n+x
A
C
K
A
C
K
DATA n+1
S
T
O
P
A
C
K
DATA n+2
A
C
K
P
ADDRESS
R
/
W
DATA n
BUS ACTIVITY
CAT24C01B
Figure 8. Sequential Read Timing
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 24C01BJI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating
Voltage, Tape & Reel)
(2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g. AYWWA). For additional
information, please contact your Catalyst sales office.
BUS ACTIVITY
MASTER
SDA LINE
A
C
K
A
C
K
DATA n
S
T
O
P
S
S
T
A
R
T
P
WORD
ADDRESS(n)
M
S
B
L
S
B
R
/
W
BUS ACTIVITY
CAT24C01B
Prefix
Device #
Suffix
24C01B
J
I
TE13
Product Number
24C01B: 1K
Tape & Reel
Package
P: PDIP
J: SOIC, JEDEC
U: TSSOP
R: MSOP
L: PDIP (Lead-free, Halogen-free)
W: SOIC (Lead-free, Halogen-free)
Y: TSSOP (Lead-free, Halogen-free)
Z: MSOP (Lead-free, Halogen-free)
GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating)
GW: SOIC (Lead-free, Halogen-free, NiPdAu lead plating)
GY: TSSOP (Lead-free, Halogen-free, NiPdAu lead plating)
GZ: MSOP (Lead-free, Halogen-free, NiPdAu lead plating)
Operating Voltage
Blank: 2.5V - 6.0V
1.8: 1.8V - 6.0V
-1.8
CAT
Temperature Range
Blank = Commercial (0°C to 70°C)
I = Industrial (-40°C to 85°˚C)
A = Automotive (-40°C to 105°C)
E = Extended (-40°C to 125°C)
Optional
Company ID
Rev A(2)
Die Revision


Similar Part No. - CAT24C0A1GLA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00JETE13 CATALYST-CAT24C00JETE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00JITE13 CATALYST-CAT24C00JITE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00LETE13 CATALYST-CAT24C00LETE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00LITE13 CATALYST-CAT24C00LITE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
More results

Similar Description - CAT24C0A1GLA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C01B CATALYST-CAT24C01B Datasheet
40Kb / 7P
   1K-Bit Serial EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Microchip Technology
93C06 MICROCHIP-93C06 Datasheet
432Kb / 8P
   256 Bit/1K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Microchip Technology
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
   1K I2C??Serial EEPROM
2005
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
   1K I2C Serial EEPROM
2003
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
   1K I2C??Serial EEPROM
2009
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
   1K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com