Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD057VU4 Datasheet(PDF) 6 Page - AZ Displays

Part # PD057VU4
Description  TECHNICAL SPECIFICATION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VU4 Datasheet(HTML) 6 Page - AZ Displays

Back Button PD057VU4 Datasheet HTML 2Page - AZ Displays PD057VU4 Datasheet HTML 3Page - AZ Displays PD057VU4 Datasheet HTML 4Page - AZ Displays PD057VU4 Datasheet HTML 5Page - AZ Displays PD057VU4 Datasheet HTML 6Page - AZ Displays PD057VU4 Datasheet HTML 7Page - AZ Displays PD057VU4 Datasheet HTML 8Page - AZ Displays PD057VU4 Datasheet HTML 9Page - AZ Displays PD057VU4 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
PD057VU4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:6
Note 5-2 , 5-3 : The definitions of U/D & R/L
R/L(PIN 30)= Low, U/D(PIN 31)= High
R/L(PIN 30)= High , U/D(PIN 31)= Low
5-2) Backlight driving
Connector type: JST BHR-03VS-1, PIN No 2 pins, pitch=3.5mm
Pin No
Symbol
Description
Remark
1
VLow
Power supply for lamp (Low voltage side)
White
-
NC
This is electrically opened
-
2
VHigh
Power supply for lamp (High voltage side)
Red
Note 5-11: Low voltage side of backlight inverter connects with ground of inverter circuits.
6.Absolute Maximum Ratings:
GND=0V, Ta=25℃
Parameters
Symbol
Condition
MAX.
Unit
Remark
Input Voltage
VI
Ta=25℃
-0.3~+4
V
Note6-1
+3.3V supply voltage
VCC
Ta=25℃
0~+3.6
V
Note6-1:CK,R0~R5,G0~G5,B0~B5,Hsync,Vsync,ENAB,R/L,U/D,V/Q
7.Electrical Characteristics
7-1) Recommended Operating Conditions:
GND=0V, Ta=25℃
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
+3.3V Supply Voltage
VCC
+3.0
+3.3
+3.6
V
Permissive input ripple voltage
VRF
-
-
100
mVp-p VCC=3.3V
Input voltage(Low)
VIL
0
-
0.3 VCC
V
Input voltage(High)
VIH
0.7 VCC
-
VCC
V


Similar Part No. - PD057VU4

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU4_V5 AZDISPLAYS-PD057VU4_V5 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
More results

Similar Description - PD057VU4

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com