Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGM6424B Datasheet(PDF) 4 Page - AZ Displays

Part # AGM6424B
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AGM6424B Datasheet(HTML) 4 Page - AZ Displays

  AGM6424B Datasheet HTML 1Page - AZ Displays AGM6424B Datasheet HTML 2Page - AZ Displays AGM6424B Datasheet HTML 3Page - AZ Displays AGM6424B Datasheet HTML 4Page - AZ Displays AGM6424B Datasheet HTML 5Page - AZ Displays AGM6424B Datasheet HTML 6Page - AZ Displays AGM6424B Datasheet HTML 7Page - AZ Displays AGM6424B Datasheet HTML 8Page - AZ Displays AGM6424B Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AGM6424B
Page 4 of 19
3.3 Interface Pin Connection
CN1 : 52893-2070(MOLEX) / Suitable FPC : Pitch 0.5mm, width 10.5mm
Pin No.
Signal
Pin Function
1
FLM
Scan start-up signal
2
VSS
NC
3
CL1
Input data latch signal
4
VSS
GND
5
CL2
Data shift clock
6
VSS
GND
7
DISP
Display control signal H:ON , L:OFF
8
VDD
Logic supply voltage
9
VCON
Contrast adjust voltage
10
VSS
GND
11
D0
Display data
12
D1
Display data
13
D2
Display data
14
D3
Display data
15
VSS
GND
16
D4
Display data
17
D5
Display data
18
D6
Display data
19
D7
Display data
20
VSS
NC
CN2 : BHSR-02VS-1 (JST) / Suitable connector : SM02B-BHSS-1-TB (JST)
Pin No.
Signal
Pin Function
1
LED(+)
Power supply voltage for LED
2
LED(-)
LED GND


Similar Part No. - AGM6424B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM6424B AZDISPLAYS-AGM6424B Datasheet
239Kb / 14P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - AGM6424B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com