Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEL14DWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100LVEL14DWG
Description  3.3V ECL 1:5 Clock Distribution Chip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL14DWG Datasheet(HTML) 1 Page - ON Semiconductor

  MC100LVEL14DWG Datasheet HTML 1Page - ON Semiconductor MC100LVEL14DWG Datasheet HTML 2Page - ON Semiconductor MC100LVEL14DWG Datasheet HTML 3Page - ON Semiconductor MC100LVEL14DWG Datasheet HTML 4Page - ON Semiconductor MC100LVEL14DWG Datasheet HTML 5Page - ON Semiconductor MC100LVEL14DWG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 8
1
Publication Order Number:
MC100LVEL14/D
MC100LVEL14
3.3VECL 1:5 Clock
Distribution Chip
Description
The MC100LVEL14 is a low skew 1:5 clock distribution chip
designed explicitly for low skew clock distribution applications. The
device can be driven by either a differential or single-ended ECL or, if
positive power supplies are used, PECL input signal. The LVEL14 is
functionally and pin compatible with the EL14 but is designed to
operate in ECL or PECL mode for a voltage supply range of −3.0 V to
−3.8 V ( or 3.0 V to 3.8 V).
The LVEL14 features a multiplexed clock input to allow for the
distribution of a lower speed scan or test clock along with the high speed
system clock. When LOW (or left open and pulled LOW by the input
pulldown resistor) the SEL pin will select the differential clock input.
The common enable (EN) is synchronous so that the outputs will only
be enabled/disabled when they are already in the LOW state. This
avoids any chance of generating a runt clock pulse when the device is
enabled/disabled as can happen with an asynchronous control. The
internal flip flop is clocked on the falling edge of the input clock,
therefore all associated specification limits are referenced to the
negative edge of the clock input.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single−ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB and
VCC via a 0.01 mF capacitor and limit current sourcing or sinking to 0.5
mA. When not used, VBB should be left open.
Features
50 ps Output-to-Output Skew
Synchronous Enable/Disable
Multiplexed Clock Input
ESD Protection: Human Body Model >2 kV
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range:
VCC = 3.0 V to 3.8 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors on CLK
Q Output will Default LOW with Inputs Open or at VEE
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 1
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 303 devices
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING
DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
SOIC−20
DW SUFFIX
CASE 751D
1
20
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
http://onsemi.com
20
1
100LVEL14
AWLYYWWG


Similar Part No. - MC100LVEL14DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL14DWG ONSEMI-MC100LVEL14DWG Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
More results

Similar Description - MC100LVEL14DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com