Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EPT26DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EPT26DR2G
Description  3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT26DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EPT26DR2G Datasheet HTML 1Page - ON Semiconductor MC100EPT26DR2G Datasheet HTML 2Page - ON Semiconductor MC100EPT26DR2G Datasheet HTML 3Page - ON Semiconductor MC100EPT26DR2G Datasheet HTML 4Page - ON Semiconductor MC100EPT26DR2G Datasheet HTML 5Page - ON Semiconductor MC100EPT26DR2G Datasheet HTML 6Page - ON Semiconductor MC100EPT26DR2G Datasheet HTML 7Page - ON Semiconductor MC100EPT26DR2G Datasheet HTML 8Page - ON Semiconductor MC100EPT26DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 14
1
Publication Order Number:
MC100EPT26/D
MC100EPT26
3.3V1:2 Fanout Differential
LVPECL/LVDS to LVTTL
Translator
Description
The MC100EPT26 is a 1:2 Fanout Differential LVPECL/LVDS to
LVTTL translator. Because LVPECL (Positive ECL) or LVDS levels are
used only +3.3 V and ground are required. The small outline 8−lead
package and the 1:2 fanout design of the EPT26 makes it ideal for
applications which require the low skew duplication of a signal in a
tightly packed PC board.
The VBB output allows the EPT26 to be used in a single−ended input
mode. In this mode the VBB output is tied to the D0 input for a
non−inverting buffer or the D0 input for an inverting buffer. If used,
the VBB pin should be bypassed to ground with > 0.01 mF capacitor.
For a single−ended direct connection, use an external voltage
reference source such as a resistor divider. Do not use VBB for a
single−ended direct connection or port to another device.
Features
1.4 ns Typical Propagation Delay
Maximum Frequency > 275 MHz Typical
The 100 Series Contains Temperature Compensation
Operating Range: VCC = 3.0 V to 3.6 V with GND = 0 V
24 mA TTL outputs
Q Outputs Will Default LOW with Inputs Open or at VEE
VBB Output
Pb−Free Packages are Available
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb−Free Package
ALYWG
G
KA26
SO−8
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
KPT26
ALYW
G
1
8
http://onsemi.com
DFN8
MN SUFFIX
CASE 506AA
3W MG
G
1
4
(Note: Microdot may be in either location)


Similar Part No. - MC100EPT26DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT26DR2G ONSEMI-MC100EPT26DR2G Datasheet
165Kb / 8P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
August, 2016 ??Rev. 17
More results

Similar Description - MC100EPT26DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT26 ONSEMI-MC100EPT26_16 Datasheet
165Kb / 8P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
August, 2016 ??Rev. 17
MC100EPT26 ONSEMI-MC100EPT26 Datasheet
89Kb / 4P
   1:2 Fanout Differential LVPECL to LVTTL Translator
May, 2000 ??Rev. 2
NB100ELT23L ONSEMI-NB100ELT23L_07 Datasheet
84Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
March, 2007 ??Rev. 8
NB100ELT23L ONSEMI-NB100ELT23L_15 Datasheet
84Kb / 7P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
August, 2015 ??Rev. 12
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23_10 Datasheet
402Kb / 12P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Micrel Semiconductor
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com