Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC5018 Datasheet(PDF) 1 Page - Texas Instruments

Part # GC5018
Description  8-CHANNEL WIDEBAND RECEIVER
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5018 Datasheet(HTML) 1 Page - Texas Instruments

  GC5018_06 Datasheet HTML 1Page - Texas Instruments GC5018_06 Datasheet HTML 2Page - Texas Instruments GC5018_06 Datasheet HTML 3Page - Texas Instruments GC5018_06 Datasheet HTML 4Page - Texas Instruments GC5018_06 Datasheet HTML 5Page - Texas Instruments GC5018_06 Datasheet HTML 6Page - Texas Instruments GC5018_06 Datasheet HTML 7Page - Texas Instruments GC5018_06 Datasheet HTML 8Page - Texas Instruments GC5018_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 134 page
background image
www.ti.com
1
Introduction
1.1
FEATURES
1.2
APPLICATIONS
Contents
GC5018
8-CHANNEL WIDEBAND RECEIVER
SLWS169A – MAY 2005 – REVISED NOVEMBER 2005
• 1.5V Digital Core Supply, 3.3V Digital I/O
• Four 16-Bit CMOS ADC Input Ports
Supply
• Programmable Closed Loop VGA Control With
• 305 Ball Plastic BGA (19 mm x 19 mm) With
6-Bit Outputs for Each ADC Input Port
1.0 mm Pitch
• Provide Received Total Wide Band Power
• Power Dissipation: 2.5W
(RTWP) Measurement for the Composite
Power Across Carriers With Programmable
Time Window for Measurement
• Wireless Base Station Receiver
• 8 UMTS Digital Down Converter (DDC)
Channels or 16 CDMA or 16 TD-SCDMA DDC
• Multi-Carrier Digital Receiver
Channels With Programmable 18 Bit Filter
• UMTS (4 Carriers-1 Sector With Diversity)
Coefficients
• CDMA (8 Carriers-1 Sector With Diversity)
• Each DDC channel includes
• TD-SCDMA (16 Carriers-1 Sector Without
Real or Complex DDC Inputs
Diversity, 8 Carriers-1-Sector With Diversity)
115 dB SFDR NCO
• Digital Radio Receivers
UMTS Mode Rx Filtering: 6 Stage CIC (m=1
• Wide Band Receivers
or 2), Up to 40 Tap CFIR, Up to 64 Tap PFIR
• Software Radios
CDMA Mode Rx Filtering: 6 Stage CIC (m=1
or 2), Up to 64 Tap CFIR, Up to 64 Tap PFIR
• Wireless Local Loop
Power Measurements
• Intelligent Antenna Systems
Final AGC
1
Introduction
............................................... 1
5.2
Microprocessor Signals
............................ 126
1.1
FEATURES
........................................... 1
5.3
JTAG Signals
...................................... 127
1.2
APPLICATIONS
...................................... 1
5.4
Factory Test and No Connect Signals
............. 127
2
General Description
..................................... 2
5.5
Power and Ground Signals
........................ 127
3
RECEIVE DIGITAL SIGNAL PROCESSING
......... 2
5.6
Digital Supply Monitoring
.......................... 128
3.1
Receive Input Interface
............................... 3
5.7
JTAG
............................................... 128
3.2
DDC Organization
................................... 15
6
SPECIFICATIONS
..................................... 128
4
GC5018 GENERAL CONTROL
....................... 44
6.1
ABSOLUTE MAXIMUM RATINGS
................. 128
4.1
Microprocessor Interface Control Data, Address,
6.2
RECOMMENDED OPERATING CONDITIONS
... 129
and Strobes
......................................... 44
6.3
THERMAL CHARACTERISTICS
.................. 129
4.2
Synchronization Signals
............................. 46
6.4
DC CHARACTERISTICS
.......................... 129
4.3
Interrupt Handling
................................... 48
6.5
AC TIMING CHARACATERISTICS
................ 130
4.4
GC5018 Programming
.............................. 48
7
Revision History
...................................... 131
5
GC5018 PINS
........................................... 122
5.1
Digital Receive Section Signals
.................... 122
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - GC5018_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5018IZDL TI-GC5018IZDL Datasheet
1Mb / 115P
[Old version datasheet]   8-CHANNEL WIDEBAND RECEIVER
More results

Similar Description - GC5018_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5018 TI-GC5018 Datasheet
1Mb / 115P
[Old version datasheet]   8-CHANNEL WIDEBAND RECEIVER
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
[Old version datasheet]   14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
[Old version datasheet]   14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
AFE8405 TI-AFE8405 Datasheet
3Mb / 152P
[Old version datasheet]   14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
Linear Technology
LTM9013 LINER-LTM9013_15 Datasheet
960Kb / 38P
   300MHz Wideband Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
ML3356 LANSDALE-ML3356_08 Datasheet
276Kb / 9P
   Wideband FSK Receiver
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com