Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C128WIT3 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24C128WIT3
Description  128-Kb I2C CMOS Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C128WIT3 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24C128WIT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1103, Rev. G
CAT24C128
128-Kb I2C CMOS Serial EEPROM
PIN CONFIGURATION
FUNCTIONAL SYMBOL
FEATURES
Supports Standard and Fast I2C Protocol
1.8V to 5.5V Supply Voltage Range
64-Byte Page Write Buffer
Hardware Write Protection for entire memory
Schmitt Triggers and Noise Suppression Filters
on I2C Bus Inputs (SCL and SDA).
Low power CMOS technology
1,000,000 program/erase cycles
100 year data retention
Industrial temperature range
RoHS-compliant 8-lead PDIP, SOIC and TSSOP
packages
PDIP (L)
SOIC (W)
TSSOP (Y)
VCC
VSS
SDA
SCL
WP
CAT24C128
A2, A1, A0
DEVICE DESCRIPTION
The CAT24C128 is a 128-Kb Serial CMOS EEPROM,
internally organized as 256 pages of 64 bytes each, for
a total of 16,384 bytes of 8 bits each.
It features a 64-byte page write buffer and supports
both the Standard (100 kHz) as well as Fast (400 kHz)
I2C protocol.
Write operations can be inhibited by taking the WP pin
High (this protects the entire memory).
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
VSS
1
2
3
4
For the location of Pin 1, please consult the
corresponding package drawing.
PIN FUNCTIONS
A0, A1, A2
Device Address Inputs
SDA
Serial Data Input/Output
SCL
Serial Clock Input
WP
Write Protect Input
VCC
Power Supply
VSS
Ground
* Catalyst carries the I2C protocol under a license from the Philips Corporation.
For Ordering Information details, see page 14.


Similar Part No. - CAT24C128WIT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C128WIT3 CATALYST-CAT24C128WIT3 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
More results

Similar Description - CAT24C128WIT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
CAT24C128HU4IGT3 ONSEMI-CAT24C128HU4IGT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com