Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82N12L-AB3-I-B Datasheet(PDF) 10 Page - Unisonic Technologies

Part # 82N12L-AB3-I-B
Description  VOLTAGE DETECTORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82N12L-AB3-I-B Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button 82N12L-AB3-I-B Datasheet HTML 6Page - Unisonic Technologies 82N12L-AB3-I-B Datasheet HTML 7Page - Unisonic Technologies 82N12L-AB3-I-B Datasheet HTML 8Page - Unisonic Technologies 82N12L-AB3-I-B Datasheet HTML 9Page - Unisonic Technologies 82N12L-AB3-I-B Datasheet HTML 10Page - Unisonic Technologies 82N12L-AB3-I-B Datasheet HTML 11Page - Unisonic Technologies 82N12L-AB3-I-B Datasheet HTML 12Page - Unisonic Technologies 82N12L-AB3-I-B Datasheet HTML 13Page - Unisonic Technologies 82N12L-AB3-I-B Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 17
www.unisonic.com.tw
QW-R502-057,B
TYPICAL PERFORMANCE CHARACTERICS (Cont.)
(1) DETECT, RELEASE VOLTAGE vs. AMBIENT TEMPERATURE(Cont.)
-50
0
2.65
82N25
25
-25
50
75
2.75
2.55
100
2.45
VDF
VDR
Ambient Temperature, Ta (℃)
2.5
2.6
2.7
-50
0
3.4
82N33
25
-25
50
75
3.5
3.3
100
3.2
VDF
VDR
Ambient Temperature, Ta (℃)
-50
0
4.3
82C42
25
-25
50
75
4.4
4.2
100
4.1
VDF
VDR
Ambient Temperature, Ta (℃)


Similar Part No. - 82N12L-AB3-I-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
82N12 UTC-82N12 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
More results

Similar Description - 82N12L-AB3-I-B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com