Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2500RTKR Datasheet(PDF) 9 Page - Texas Instruments

Part # CC2500RTKR
Description  Single Chip Low Cost Low Power RF Transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500RTKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2500RTKR Datasheet HTML 5Page - Texas Instruments CC2500RTKR Datasheet HTML 6Page - Texas Instruments CC2500RTKR Datasheet HTML 7Page - Texas Instruments CC2500RTKR Datasheet HTML 8Page - Texas Instruments CC2500RTKR Datasheet HTML 9Page - Texas Instruments CC2500RTKR Datasheet HTML 10Page - Texas Instruments CC2500RTKR Datasheet HTML 11Page - Texas Instruments CC2500RTKR Datasheet HTML 12Page - Texas Instruments CC2500RTKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 9 of 83
Parameter
Min
Typ
Max
Unit
Condition/Note
250 kbps data rate, current optimized, MDMCFG2.DEM_DCFILT_OFF
= 1
(MSK, 1% packet error rate, 20 bytes packet length, 540 kHz digital channel filter bandwidth)
Receiver sensitivity
–87
dBm
Saturation
–13
dBm
Adjacent channel
rejection
21
dB
Desired channel 3 dB above the sensitivity limit. 750 kHz
channel spacing
Alternate channel
rejection
30
dB
Desired channel 3 dB above the sensitivity limit. 750 kHz
channel spacing
See Figure 25 for plot of selectivity versus frequency offset
500 kbps data rate, MDMCFG2.DEM_DCFILT_OFF
= 0
(MSK, 1% packet error rate, 20 bytes packet length, 812 kHz digital channel filter bandwidth)
Receiver sensitivity
–82
dBm
Saturation
–18
dBm
Adjacent channel
rejection
14
dB
Desired channel 3 dB above the sensitivity limit. 1 MHz
channel spacing
Alternate channel
rejection
25
dB
Desired channel 3 dB above the sensitivity limit. 1 MHz
channel spacing
See Figure 26 for plot of selectivity versus frequency offset
General
Blocking at ±10 MHz
offset
47
dB
Desired channel at –80 dBm. Compliant with ETSI EN 300
440 class 2 receiver requirements.
Blocking at ±20 MHz
offset
52
dB
Desired channel at –80 dBm. Compliant with ETSI EN 300
440 class 2 receiver requirements.
Blocking at ±50 MHz
offset
54
dB
Desired channel at –80 dBm. Compliant with ETSI EN 300
440 class 2 receiver requirements.
Spurious emissions
25 MHz – 1 GHz
Above 1 GHz
–57
–47
dBm
dBm
Table 5: RF receive parameters


Similar Part No. - CC2500RTKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500RTKR TI-CC2500RTKR Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RTKR TI1-CC2500RTKR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RTKRG3 TI-CC2500RTKRG3 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RTKRG3 TI1-CC2500RTKRG3 Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
More results

Similar Description - CC2500RTKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
   CC1100 Single Chip Low Cost Low Power RF-Transceiver
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI-CC1101 Datasheet
979Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com