Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2500EMK Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2500EMK
Description  Single Chip Low Cost Low Power RF Transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500EMK Datasheet(HTML) 2 Page - Texas Instruments

  CC2500EMK Datasheet HTML 1Page - Texas Instruments CC2500EMK Datasheet HTML 2Page - Texas Instruments CC2500EMK Datasheet HTML 3Page - Texas Instruments CC2500EMK Datasheet HTML 4Page - Texas Instruments CC2500EMK Datasheet HTML 5Page - Texas Instruments CC2500EMK Datasheet HTML 6Page - Texas Instruments CC2500EMK Datasheet HTML 7Page - Texas Instruments CC2500EMK Datasheet HTML 8Page - Texas Instruments CC2500EMK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 2 of 83
Features (continued from front page)
Suited for systems compliant with EN 300
328 and EN 300 440 class 2 (Europe),
FCC CFR47 Part 15 (US), and ARIB STD-
T66 (Japan)
Wake-on-radio functionality for automatic
low-power RX polling
Many powerful digital features allow a
high-performance RF system to be made
using an inexpensive microcontroller
Integrated analog temperature sensor
Lead-free “green“ package
Flexible
support
for
packet
oriented
systems: On chip support for sync word
detection, address check, flexible packet
length and automatic CRC handling.
Programmable channel filter bandwidth
FSK, GFSK and MSK supported
OOK supported
Automatic
Frequency
Compensation
(AFC) can be used to align the frequency
synthesizer to received centre frequency
Optional automatic whitening and de-
whitening of data
Support for asynchronous transparent
receive/transmit
mode
for
backwards
compatibility
with
existing
radio
communication protocols
Programmable Carrier Sense indicator
Programmable Preamble Quality Indicator
(PQI)
for
detecting
preambles
and
improved protection against sync word
detection in random noise
Support for automatic Clear Channel
Assessment (CCA) before transmitting (for
listen-before-talk systems)
Support for per-package Link Quality
Indication
Abbreviations
Abbreviations used in this data sheet are described below.
ACP
Adjacent Channel Power
MSK
Minimum Shift Keying
ADC
Analog to Digital Converter
NA
Not Applicable
AFC
Automatic Frequency Offset Compensation
OOK
On Off Keying
AGC
Automatic Gain Control
PA
Power Amplifier
AMR
Automatic Meter Reading
PCB
Printed Circuit Board
ARIB
Association of Radio Industries and Businesses
PD
Power Down
BER
Bit Error Rate
PER
Packet Error Rate
BT
Bandwidth-Time product
PLL
Phase Locked Loop
CCA
Clear Channel Assessment
POR
Power-on Reset
CFR
Code of Federal Regulations
PQI
Preamble Quality Indicator
CRC
Cyclic Redundancy Check
PQT
Preamble Quality Threshold
CS
Carrier Sense
RCOSC
RC Oscillator
DC
Direct Current
QPSK
Quadrature Phase Shift Keying
ESR
Equivalent Series Resistance
QLP
Quad Leadless Package
FCC
Federal Communications Commission
RF
Radio Frequency
FEC
Forward Error Correction
RSSI
Received Signal Strength Indicator
FIFO
First-In-First-Out
RX
Receive, Receive Mode
FHSS
Frequency Hopping Spread Spectrum
SMD
Surface Mount Device
FSK
Frequency Shift Keying
SNR
Signal to Noise Ratio
GFSK
Gaussian shaped Frequency Shift Keying
SPI
Serial Peripheral Interface
IF
Intermediate Frequency
SRD
Short Range Device
I/Q
In-Phase/Quadrature
T/R
Transmit/Receive
ISM
Industrial, Scientific and Medical
TX
Transmit, Transmit Mode
LBT
Listen Before Transmit
VCO
Voltage Controlled Oscillator
LC
Inductor-Capacitor
WLAN
Wireless Local Area Networks
LNA
Low Noise Amplifier
WOR
Wake on Radio, Low power polling
LO
Local Oscillator
XOSC
Crystal Oscillator
LQI
Link Quality Indicator
XTAL
Crystal
MCU
Microcontroller Unit


Similar Part No. - CC2500EMK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500 TI1-CC2500 Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500 TI-CC2500 Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
logo
AVAGO TECHNOLOGIES LIMI...
CC2500 AVAGO-CC2500 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results

Similar Description - CC2500EMK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
   CC1100 Single Chip Low Cost Low Power RF-Transceiver
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI-CC1101 Datasheet
979Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com