Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC1012B Datasheet(PDF) 2 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 2 Page - Texas Instruments

  GC1012B_07 Datasheet HTML 1Page - Texas Instruments GC1012B_07 Datasheet HTML 2Page - Texas Instruments GC1012B_07 Datasheet HTML 3Page - Texas Instruments GC1012B_07 Datasheet HTML 4Page - Texas Instruments GC1012B_07 Datasheet HTML 5Page - Texas Instruments GC1012B_07 Datasheet HTML 6Page - Texas Instruments GC1012B_07 Datasheet HTML 7Page - Texas Instruments GC1012B_07 Datasheet HTML 8Page - Texas Instruments GC1012B_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Texas Instruments Incorporated
- i -
GC1012B 3.3V DIGITAL TUNER CHIP
SLWS138B
This document contains information which may be changed at any time without notice
REVISION HISTORY
This datasheet is revised from the GC1012A datasheet to reflect the changes in the GC1012B replacement.
0.1
GC1012B TO GC1012A COMPARISON
The GC1012B is designed to be a functional and footprint compatible replacement for the GC1012A chip. The
timing specifications for the GC1012B meet and exceed the timing specifications for the GC1012A. Electrically the
GC1012B is a 3.3 volt only part, making it incompatible with the GC1012A’s 5 volt mode. The GC1012B is fully
compatible with the GC1012A’s 3.3 volt mode, but at a lower power consumption. See Section 4 for timing and electrical
specifications. NOTE: The GC1012B inputs are NOT 5 volt tolerant; chip damage may occur if the input voltages exceed
Vcc + 0.5V (3.8 volts). Designs using the GC1012A at 5 volts will need to add a 3.3 volt supply and voltage level
translators to use the GC1012B.
The function of the GC1012B has been slightly enhanced, but any enhancements are “backward” compatible
with the GC1012A so that a GC1012A user will not need to change any software or processing algorithms to use the
GC1012B chip. The checksums for the diagnostics have changed and are shown on page 7. Highlights of the
enhancements follow.
0.1.1
Clock Loss Detect and Power Down Modes
The GC1012A chip used a slow internal clock to power down the chip or to put it into a low power mode if the
clock is stopped. The slow clock has been removed in the GC1012B and replaced with a mode that will put the chip in
a fully static mode if the clock has stopped. The fully static mode powers down the chip and reduces the power
consumption down to a few microwatts until the clock resumes. The user can also force the power down state if desired.
Two control bits (address 7 bit 5 and address 9 bit 7) are used to control the clock loss detect and power down modes.
One control bit turns off the clock loss detect circuit, the other forces the power down mode. Both bits are cleared at
power up to keep GC1012A compatibility.
See Section 1.9 for details.
0.1.2
Control Interface
The control interface has been enhanced to use either the R/W and CS strobes of the original GC1012A, or to
use the RE, WE and CE strobes used by most memory interfaces. If the RE pin is grounded, then the interface behaves
in the R/W and CS mode, where the WE pin becomes the R/W pin and the CE pin becomes the CS pin. The RE pin on
the GC1012B chip is a ground pin (pin 103) on the GC1012A chip, so that a GC1012B chip soldered into a GC1012A
socket will automatically operate in the GC1012A R/W and CS mode.
See Section 1.3 for details.
Revision
Date
Description
1.0
3 May 2002
First GC1012A datasheet. Major changes in specifications to reflect 3.3volt opera-
tion.
1.1
9 October
2002
Corrected checksum table, page 7


Similar Part No. - GC1012B_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC1012B-PQ TI-GC1012B-PQ Datasheet
249Kb / 28P
[Old version datasheet]   3.3V DIGITAL TUNER CHIP
More results

Similar Description - GC1012B_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC1012B TI-GC1012B Datasheet
249Kb / 28P
[Old version datasheet]   3.3V DIGITAL TUNER CHIP
GC1012A TI-GC1012A Datasheet
186Kb / 30P
[Old version datasheet]   DIGITAL TUNER CHIP
GC3011A TI-GC3011A Datasheet
229Kb / 36P
[Old version datasheet]   3.3V DIGITAL RESAMPLER CHIP
GC2011A TI-GC2011A Datasheet
504Kb / 50P
[Old version datasheet]   3.3V DIGITAL FILTER CHIP
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
   Digital Satellite Tuner
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
   Digital Satellite Tuner
Rev. 01-13 November 2008
logo
Intersil Corporation
HSP50110 INTERSIL-HSP50110 Datasheet
199Kb / 24P
   Digital Quadrature Tuner
HSP50110 INTERSIL-HSP50110_01 Datasheet
218Kb / 25P
   Digital Quadrature Tuner
logo
Renesas Technology Corp
HSP50110 RENESAS-HSP50110 Datasheet
1Mb / 25P
   Digital Quadrature Tuner
March 2001
logo
Intersil Corporation
HSP50110JC-52 INTERSIL-HSP50110JC-52 Datasheet
219Kb / 25P
   Digital Quadrature Tuner
March 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com