Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL594 Datasheet(PDF) 1 Page - ON Semiconductor

Part # TL594
Description  Precision Switchmode Pulse Width Modulation Control Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL594 Datasheet(HTML) 1 Page - ON Semiconductor

  TL594 Datasheet HTML 1Page - ON Semiconductor TL594 Datasheet HTML 2Page - ON Semiconductor TL594 Datasheet HTML 3Page - ON Semiconductor TL594 Datasheet HTML 4Page - ON Semiconductor TL594 Datasheet HTML 5Page - ON Semiconductor TL594 Datasheet HTML 6Page - ON Semiconductor TL594 Datasheet HTML 7Page - ON Semiconductor TL594 Datasheet HTML 8Page - ON Semiconductor TL594 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
November, 2005 − Rev. 5
1
Publication Order Number:
TL594/D
TL594
Precision Switchmode
Pulse Width Modulation
Control Circuit
The TL594 is a fixed frequency, pulse width modulation control
circuit designed primarily for Switchmode power supply control.
Features
Complete Pulse Width Modulation Control Circuitry
On−Chip Oscillator with Master or Slave Operation
On−Chip Error Amplifiers
On−Chip 5.0 V Reference, 1.5% Accuracy
Adjustable Deadtime Control
Uncommitted Output Transistors Rated to 500 mA Source or Sink
Output Control for Push−Pull or Single−Ended Operation
Undervoltage Lockout
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
42
V
Collector Output Voltage
VC1,
VC2
42
V
Collector Output Current
(Each Transistor) (Note 1)
IC1, IC2
500
mA
Amplifier Input Voltage Range
VIR
−0.3 to +42
V
Power Dissipation @ TA ≤ 45°C
PD
1000
mW
Thermal Resistance
Junction−to−Ambient (PDIP)
Junction−to−Air (TSSOP)
Junction−to−Ambient (SOIC)
RqJA
80
140
135
°C/W
Operating Junction Temperature
TJ
125
°C
Storage Temperature Range
Tstg
−55 to +125
°C
Operating Ambient Temperature Range
TL594CD, CN, CDTB
TA
−40 to 85
°C
Derating Ambient Temperature
TA
45
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Maximum thermal limits must be observed.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SO−16
D SUFFIX
CASE 751B
TSSOP−16
DTB SUFFIX
CASE 948F
1
PDIP−16
N SUFFIX
CASE 648
1
1
MARKING
DIAGRAMS
1
16
TL594CDG
AWLYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
TL59
4DTB
ALYW
G
G
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
CT
RT
Ground
C1
1
Inv
Input
C2
Q2
E2
E1
1
≈ 0.1 V
Oscillator
VCC
5.0 V
REF
(Top View)
Noninv
Input
Inv
Input
Vref
Output
Control
VCC
Noninv
Input
Compen/PWN
Comp Input
Deadtime
Control
Error
Amp
+
2
3
4
5
6
7
89
10
11
12
13
14
15
16
2
Error
Amp
+
Q1
http://onsemi.com
16
1
TL594CN
AWLYYWWG
1
16
(Note: Microdot may be in either location)


Similar Part No. - TL594

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL594 TI-TL594 Datasheet
418Kb / 16P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL594 TI-TL594 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results

Similar Description - TL594

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
ON Semiconductor
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com