Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS15CT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SMS15CT1G
Description  5-Line Transient Voltage Suppressor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMS15CT1G Datasheet(HTML) 1 Page - ON Semiconductor

  SMS15CT1G Datasheet HTML 1Page - ON Semiconductor SMS15CT1G Datasheet HTML 2Page - ON Semiconductor SMS15CT1G Datasheet HTML 3Page - ON Semiconductor SMS15CT1G Datasheet HTML 4Page - ON Semiconductor SMS15CT1G Datasheet HTML 5Page - ON Semiconductor SMS15CT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
February, 2005 − Rev. 5
1
Publication Order Number:
SMS05C/D
SMS05C, SMS12C, SMS15C,
SMS24C
5−Line Transient Voltage
Suppressor Array
This 5−line voltage transient suppressor array is designed for
application requiring transient voltage protection capability. It is
intended for use in over−transient voltage and ESD sensitive
equipment such as computers, printers, automotive electronics,
networking communication and other applications. This device
features a monolithic common anode design which protects five
independent lines in a single SC−74 package.
Features
Protects up to 5 Lines in a Single SC−74 Package
Peak Power Dissipation − 350 W (8 20 ms Waveform)
ESD Rating of Class 3B (Exceeding 8.0 kV) per Human Body Model
and Class C (Exceeding 400 V) per Machine Model
Compliance with IEC 61000−4−2 (ESD) 15 kV (Air), 8.0 kV
(Contact)
Flammability Rating of UL 94 V−0
Pb−Free Package is Available
Applications
Hand−Held Portable Applications
Networking and Telecom
Automotive Electronics
Serial and Parallel Ports
Notebooks, Desktops, Servers
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Symbol
Rating
Value
Unit
PPK 1
Peak Power Dissipation
8
20
ms Double Exponential Waveform
(Note 1)
350
W
TJ
Operating Junction Temperature Range
−40 to 125
°C
TSTG
Storage Temperature Range
−55 to 150
°C
TL
Lead Solder Temperature (10 s)
260
°C
ESD
Human Body Model ( HBM)
Machine Model (MM)
IEC 61000−4−2 Air (ESD)
IEC 61000−4−2 Contact (ESD)
>8000
>400
>15000
>8000
V
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Non−repetitive current pulse per Figure 3.
SC−74 FIVE TRANSIENT
VOLTAGE SUPPRESSOR
350 W PEAK POWER
SC−74
CASE 318F
STYLE 6
1
2
3
6
5
4
MARKING DIAGRAM
PIN ASSIGNMENT
Device
Package
Shipping
ORDERING INFORMATION
SMS05CT1
SC−74
3000/Tape & Reel
PIN 1. CATHODE
2. ANODE
3. CATHODE
4. CATHODE
5. CATHODE
6. CATHODE
http://onsemi.com
1
6
6xM
x
= SMS05C:J
= SMS12C:K
= SMS15C:L
= SMS24C:M
M
= Date Code
SMS12CT1
SC−74
3000/Tape & Reel
SMS15CT1
SC−74
3000/Tape & Reel
SMS15CT1G
SC−74
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SMS24CT1
SC−74
3000/Tape & Reel
http://onsemi.com


Similar Part No. - SMS15CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMS15CT1G ONSEMI-SMS15CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
SMS15CT1G ONSEMI-SMS15CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
SMS15CT1G ONSEMI-SMS15CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
More results

Similar Description - SMS15CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05CT1G ONSEMI-SMF05CT1G Datasheet
133Kb / 4P
   5-Line Transient Voltage Suppressor Array
February, 2012 ??Rev. 4
SMS05C ONSEMI-SMS05C_11 Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
SMF05C ONSEMI-SMF05C Datasheet
59Kb / 4P
   5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
SZSMS24CT1G ONSEMI-SZSMS24CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
SEMFXXC WILLAS-SEMFXXC Datasheet
297Kb / 3P
   5-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
SMS05CT1G ONSEMI-SMS05CT1G Datasheet
167Kb / 5P
   5-Line Transient Voltage Suppressor Array
October, 2011 ??Rev. 7
logo
WILLAS ELECTRONIC CORP
SESMF05C WILLAS-SESMF05C Datasheet
293Kb / 4P
   5-Line Transient Voltage Suppressor Array
logo
ON Semiconductor
NUP5150MU ONSEMI-NUP5150MU Datasheet
89Kb / 4P
   5-Line Transient Voltage Suppressor Array
September, 2007 - Rev. 0
logo
Bruckewell Technology L...
ESMFXX BWTECH-ESMFXX Datasheet
468Kb / 4P
   4-Line Transient Voltage Suppressor Array
logo
WILLAS ELECTRONIC CORP
SEMF05 WILLAS-SEMF05_12 Datasheet
391Kb / 4P
   4-Line Transient Voltage Suppressor Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com