Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA571NG Datasheet(PDF) 5 Page - ON Semiconductor

Part # SA571NG
Description  Compandor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA571NG Datasheet(HTML) 5 Page - ON Semiconductor

  SA571NG Datasheet HTML 1Page - ON Semiconductor SA571NG Datasheet HTML 2Page - ON Semiconductor SA571NG Datasheet HTML 3Page - ON Semiconductor SA571NG Datasheet HTML 4Page - ON Semiconductor SA571NG Datasheet HTML 5Page - ON Semiconductor SA571NG Datasheet HTML 6Page - ON Semiconductor SA571NG Datasheet HTML 7Page - ON Semiconductor SA571NG Datasheet HTML 8Page - ON Semiconductor SA571NG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SA571
http://onsemi.com
5
INTRODUCTION
Much interest has been expressed in high performance
electronic
gain
control
circuits.
For
non−critical
applications,
an
integrated
circuit
operational
transconductance amplifier can be used, but when
high−performance is required, one has to resort to complex
discrete circuitry with many expensive, well−matched
components. This paper describes an inexpensive integrated
circuit, the SA571 Compandor, which offers a pair of high
performance gain control circuits featuring low distortion
(<0.1%), high signal−to−noise ratio (90 dB), and wide
dynamic range (110 dB).
Circuit Background
The SA571 Compandor was originally designed to satisfy
the requirements of the telephone system. When several
telephone channels are multiplexed onto a common line, the
resulting signal−to−noise ratio is poor and companding is
used to allow a wider dynamic range to be passed through
the channel. Figure 4 graphically shows what a compandor
can do for the signal−to−noise ratio of a restricted dynamic
range channel. The input level range of +20 to −80 dB is
shown undergoing a 2−to−1 compression where a 2.0 dB
input level change is compressed into a 1.0 dB output level
change by the compressor. The original 100 dB of dynamic
range is thus compressed to a 50 dB range for transmission
through
a
restricted
dynamic
range
channel.
A
complementary expansion on the receiving end restores the
original signal levels and reduces the channel noise by as
much as 45 dB.
The significant circuits in a compressor or expander are
the rectifier and the gain control element. The phone system
requires a simple full−wave averaging rectifier with good
accuracy, since the rectifier accuracy determines the (input)
output level tracking accuracy. The gain cell determines the
distortion and noise characteristics, and the phone system
specifications here are very loose. These specs could have
been met with a simple Operational Transconductance
Multiplier, or OTA, but the gain of an OTA is proportional
to temperature and this is very undesirable. Therefore, a
linearized transconductance multiplier was designed which
is insensitive to temperature and offers low noise and low
distortion performance. These features make the circuit
useful in audio and data systems as well as in
telecommunications systems.
Basic Hook−up and Operation
Figure 5 shows the block diagram of one half of the chip,
(there are two identical channels on the IC). The full−wave
averaging rectifier provides a gain control current, IG, for the
variable gain (
DG) cell. The output of theDG cell is a current
which is fed to the summing node of the operational
amplifier. Resistors are provided to establish circuit gain and
set the output DC bias.
The circuit is intended for use in single power supply
systems, so the internal summing nodes must be biased at
some voltage above ground. An internal band gap voltage
reference provides a very stable, low noise 1.8 V reference
denoted VREF. The non−inverting input of the op amp is tied
to VREF, and the summing nodes of the rectifier and DG cell
(located at the right of R1 and R2) have the same potential.
The THD trim pin is also at the VREF potential.
INPUT
LEVEL
OUTPUT
LEVEL
NOISE
+20
0dB
−40
−80
−20
0dB
−40
−80
Figure 4. Restricted Dynamic Range Channel
VCC PIN 13
GND PIN 4
OUTPUT
7,10
VREF
1.8V
R4
30k
W
1,16
CRECT
R1
10k
W
2,15
RECTIN
GIN
3,14
20k
W
R2
20k
W
R3
6,11
5,12
INVIN
R3
THD TRIM
8,9
IG
DG
Figure 5. Chip Block Diagram (1 of 2 Channels)
+


Similar Part No. - SA571NG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA571N PHILIPS-SA571N Datasheet
143Kb / 11P
   Compandor
1997 Aug 14
More results

Similar Description - SA571NG

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5015 AUK-SL5015_1 Datasheet
51Kb / 4P
   COMPANDOR
logo
ON Semiconductor
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
   Compandor
April, 2009 ??Rev. 0
NE570 ONSEMI-NE570_06 Datasheet
98Kb / 10P
   Compandor
May, 2006 ??Rev. 4
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
   Compandor
1997 Aug 14
NE570N PHILIPS-NE570N Datasheet
400Kb / 7P
   Compandor
logo
AUK corp
SL5015P AUK-SL5015P Datasheet
49Kb / 4P
   COMPANDOR
logo
Daewoo Semiconductor
DBL5015 DAEWOO-DBL5015 Datasheet
282Kb / 4P
   COMPANDOR
logo
Samsung semiconductor
KA8512 SAMSUNG-KA8512 Datasheet
132Kb / 6P
   COMPANDOR
logo
Unisonic Technologies
UTC571N UTC-UTC571N_15 Datasheet
284Kb / 5P
   COMPANDOR
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com