Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA572DR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # SA572DR2
Description  Programmable Analog Compandor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA572DR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button SA572DR2 Datasheet HTML 2Page - ON Semiconductor SA572DR2 Datasheet HTML 3Page - ON Semiconductor SA572DR2 Datasheet HTML 4Page - ON Semiconductor SA572DR2 Datasheet HTML 5Page - ON Semiconductor SA572DR2 Datasheet HTML 6Page - ON Semiconductor SA572DR2 Datasheet HTML 7Page - ON Semiconductor SA572DR2 Datasheet HTML 8Page - ON Semiconductor SA572DR2 Datasheet HTML 9Page - ON Semiconductor SA572DR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SA572
http://onsemi.com
6
Buffer Amplifier
In audio systems, it is desirable to have fast attack time
and slow recovery time for a tone burst input. The fast
attack time reduces transient channel overload but also
causes low-frequency ripple distortion. The low-frequency
ripple distortion can be improved with the slow recovery
time. If different attack times are implemented in
corresponding frequency spectrums in a split band audio
system, high quality performance can be achieved. The
buffer amplifier is designed to make this feature available
with minimum external components. Referring to
Figure 5, the rectifier output current is mirrored into the
input and output of the unipolar buffer amplifier A3 through
Q8, Q9 and Q10. Diodes D11 and D12 improve tracking
accuracy and provide common-mode bias for A3. For a
positive-going input signal, the buffer amplifier acts like a
voltage-follower. Therefore, the output impedance of A3
makes the contribution of capacitor CR to attack time
insignificant. Neglecting diode impedance, the gain Ga(t)
for
DG can be expressed as follows:
Ga(t) + (GaINT * GaFNL)e
*t
tA
) GaFNL
GaINT = Initial Gain
GaFNL = Final Gain
tA = RA • CA = 10 kW • CA
where
tA is the attack time constant and RA is a 10 kW
internal resistor. Diode D15 opens the feedback loop of A3
for a negative-going signal if the value of capacitor CR is
larger than capacitor CA. The recovery time depends only
on CR • RR. If the diode impedance is assumed negligible,
the dynamic gain GR (t) for DG is expressed as follows:
GR(t) + (GRINT * GRFNL)e
*t
tR
) GRFNL
GR(t) + (GRINT * GRFNL)e
*t
tR
) GRFNL
tR = RR • CR = 10 kW • CR
where
tR is the recovery time constant and RR is a 10 kW
internal resistor. The gain control current is mirrored to the
gain cell through Q14. The low level gain errors due to input
bias current of A2 and A3 can be trimmed through the
tracking trim pin into A3 with a current source of "3.0 mA.
X2
X2
A3
TRACKING
TRIM
IR1
IR2
IQ = 2IR2
V+
IR +
VIN
R
+
Figure 5. Buffer Amplifier Schematic
10kW
10kW
Q8
Q9
Q10
Q16
D13
D15
Q14
Q18
D11
D12
CA
CR
Q17


Similar Part No. - SA572DR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA572D PHILIPS-SA572D Datasheet
136Kb / 12P
   Programmable analog compandor
1998 Nov 03
SA572D PHILIPS-SA572D Datasheet
125Kb / 8P
   Programmable analog compandor
October 7, 1987
More results

Similar Description - SA572DR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE572 PHILIPS-NE572 Datasheet
125Kb / 8P
   Programmable analog compandor
October 7, 1987
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
   Programmable analog compandor
1998 Nov 03
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
   Unity gain level programmable power compandor
1997 Nov 07
logo
AUK corp
SL5015 AUK-SL5015_1 Datasheet
51Kb / 4P
   COMPANDOR
logo
ON Semiconductor
SA571 ONSEMI-SA571 Datasheet
104Kb / 11P
   Compandor
March, 2006 ??Rev. 4
logo
NXP Semiconductors
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
   Unity gain level programmable low power compandor
December 15, 1993
SA578 PHILIPS-SA578 Datasheet
63Kb / 7P
   Unity gain level programmable low power compandor
1997 Nov 07
logo
ON Semiconductor
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
   Compandor
April, 2009 ??Rev. 0
NE570 ONSEMI-NE570_06 Datasheet
98Kb / 10P
   Compandor
May, 2006 ??Rev. 4
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
   Compandor
1997 Aug 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com