Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA575 Datasheet(PDF) 5 Page - ON Semiconductor

Part # SA575
Description  Low Voltage Compandor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA575 Datasheet(HTML) 5 Page - ON Semiconductor

  SA575 Datasheet HTML 1Page - ON Semiconductor SA575 Datasheet HTML 2Page - ON Semiconductor SA575 Datasheet HTML 3Page - ON Semiconductor SA575 Datasheet HTML 4Page - ON Semiconductor SA575 Datasheet HTML 5Page - ON Semiconductor SA575 Datasheet HTML 6Page - ON Semiconductor SA575 Datasheet HTML 7Page - ON Semiconductor SA575 Datasheet HTML 8Page - ON Semiconductor SA575 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SA575
http://onsemi.com
5
Expandor
The typical expandor configuration is shown in Figure 2.
The variable gain cell and the rectifier cell are in the signal
input path. The VREF is always 1/2 VCC to provide the
maximum headroom without clipping. The 0 dB ref is
100 mVRMS. The input is AC coupled through C5, and the
output is AC coupled through C3. If in a system the inputs
and outputs are AC coupled, then C3 and C5 can be
eliminated, thus requiring only one external component,
C4. The variable gain cell and rectifier cell are DC coupled
so any offset voltage between Pins 4 and 9 will cause small
offset error current in the rectifier cell. This will affect the
accuracy of the gain cell. This can be improved by using an
extra capacitor from the input to Pin 4 and eliminating the
DC connection between Pins 4 and 9.
The expandor gain expression and the attack and release
time constant is given by Equation 1 and Equation 2,
respectively.
(eq. 1)
4VIN(avg)
3.8 k
W x 100 mA
Expandor gain =
where VIN(avg) = 0.95VIN(RMS)
2
(eq. 2)
tR = tA = 10 kW x CRECT = 10 kW x C4
2.2
mF
10
mF
10
mF
VREF
DG
S
EXP IN
EXP OUT
9, 11
4, 16
5, 15
7, 13
6, 14
8
Figure 2. Typical Expandor Configuration
10k
W
3.8k
W
10k
W
C5
C4
C3


Similar Part No. - SA575

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
SA5752 PHILIPS-SA5752 Datasheet
114Kb / 13P
   Audio processor - companding, VOX and amplifier section
1997 Nov 07
SA5752D PHILIPS-SA5752D Datasheet
398Kb / 8P
   Audio processor-companding, VOX and amplifier section
June 4 1992
SA5752DK PHILIPS-SA5752DK Datasheet
114Kb / 13P
   Audio processor - companding, VOX and amplifier section
1997 Nov 07
SA5752DK PHILIPS-SA5752DK Datasheet
398Kb / 8P
   Audio processor-companding, VOX and amplifier section
June 4 1992
More results

Similar Description - SA575

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
   Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
   LOW VOLTAGE COMPANDOR
logo
NXP Semiconductors
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
   Low power compandor
1997 Aug 14
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
   Low Power Compandor
December 1993
logo
ON Semiconductor
LA8630MC ONSEMI-LA8630MC Datasheet
197Kb / 8P
   Low Voltage and Current Dissipation Compandor IC
January 2016 - Rev. 0
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
   Low Voltage and Current Dissipation Compandor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com