Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY329F-800 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BY329F-800
Description  Rectifier diodes fast, soft-recovery
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY329F-800 Datasheet(HTML) 2 Page - NXP Semiconductors

  BY329F-800 Datasheet HTML 1Page - NXP Semiconductors BY329F-800 Datasheet HTML 2Page - NXP Semiconductors BY329F-800 Datasheet HTML 3Page - NXP Semiconductors BY329F-800 Datasheet HTML 4Page - NXP Semiconductors BY329F-800 Datasheet HTML 5Page - NXP Semiconductors BY329F-800 Datasheet HTML 6Page - NXP Semiconductors BY329F-800 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY329F, BY329X series
fast, soft-recovery
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
isol
Peak isolation voltage from
SOD100 package; R.H.
≤ 65%; clean and
-
-
1500
V
both terminals to external
dustfree
heatsink
V
isol
R.M.S. isolation voltage from SOD113 package; f = 50-60 Hz;
-
-
2500
V
both terminals to external
sinusoidal waveform; R.H.
≤ 65%; clean
heatsink
and dustfree
C
isol
Capacitance from pin 1 to
f = 1 MHz
-
10
-
pF
external heatsink
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance junction to
with heatsink compound
-
-
4.8
K/W
heatsink
without heatsink compound
-
-
5.9
K/W
R
th j-a
Thermal resistance junction to
in free air.
-
55
-
K/W
ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
F
Forward voltage
I
F = 20 A
-
1.5
1.85
V
I
R
Reverse current
V
R = VRWM; Tj = 125 ˚C
-
0.1
1.0
mA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
t
rr
Reverse recovery time
I
F = 1 A; VR > 30 V; -dIF/dt = 50 A/µs
-
125
145
ns
Q
s
Reverse recovery charge
I
F = 2 A; VR > 30 V; -dIF/dt = 20 A/µs
-
0.5
0.7
µC
dI
R/dt
Maximum slope of the reverse
I
F = 2 A; -dIF/dt = 20 A/µs
-
50
60
A/
µs
recovery current
September 1998
2
Rev 1.100


Similar Part No. - BY329F-800

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329-1200 PHILIPS-BY329-1200 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
List of Unclassifed Man...
BY329-1200 ETC2-BY329-1200 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Inchange Semiconductor ...
BY329-1200 ISC-BY329-1200 Datasheet
335Kb / 2P
   Ultrafast Rectifier
More results

Similar Description - BY329F-800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY229F PHILIPS-BY229F Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY229 PHILIPS-BY229 Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329X PHILIPS-BY329X Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
May 1995 Rev 1.000
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BYX46 PHILIPS-BYX46 Datasheet
664Kb / 11P
   FAST SOFT-RECOVERY RECTIFIER DIODES
April 1984
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com