Electronic Components Datasheet Search |
|
CAT150081LWI-GT3 Datasheet(PDF) 10 Page - Catalyst Semiconductor |
|
CAT150081LWI-GT3 Datasheet(HTML) 10 Page - Catalyst Semiconductor |
10 / 15 page CAT15008, CAT15016 Doc. No. 1125 Rev. A 10 © 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice Write Status Register The Status Register is written by sending a WRSR instruction according to timing shown in Figure 8. Only bits 2, 3 and 7 can be written using the WRSR command. Write Protection The Write Protect (WP ¯¯¯) pin can be used to protect the Block Protect bits BP0 and BP1 against being inadvertently altered. When WP ¯¯¯ is low and the WPEN bit is set to “1”, write operations to the Status Register are inhibited. WP ¯¯¯ going low while CS ¯¯ is still low will interrupt a write to the status register. If the internal write cycle has already been initiated, WP ¯¯¯ going low will have no effect on any write operation to the Status Register. The WP ¯¯¯ pin function is blocked when the WPEN bit is set to “0”. The WP ¯¯¯ input timing is shown in Figure 9. Figure 8. WRSR Timing Note: Dashed Line = mode (1, 1) - - - - - - Figure 9. WP ¯¯¯ Timing Note: Dashed Line = mode (1, 1) - - - - - - 01 2 3 4 5 6 78 10 911 12 13 14 SCK SI MSB HIGH IMPEDANCE DATA IN 15 SO CS 7 6 5 4 3 2 10 00 0 0 0 0 0 1 OPCODE CS SCK WP WP t WPS t WPH |
Similar Part No. - CAT150081LWI-GT3 |
|
Similar Description - CAT150081LWI-GT3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |