Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3644HV3-T2 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT3644HV3-T2
Description  4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3644HV3-T2 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT3644HV3-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT3644HV3-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT3644HV3-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT3644HV3-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3644HV3-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3644HV3-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3644HV3-T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT3644HV3-T2 Datasheet HTML 10Page - Catalyst Semiconductor CAT3644HV3-T2 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT3644
© 2007 Catalyst Semiconductor, Inc.
7
Doc. No. 5023, Rev. B
Characteristics subject to change without notice
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, IOUT = 80mA (4 LEDs at 20mA), CIN = COUT = C1 = C2 = 1μF, TAMB = 25°C unless otherwise specified.
Foldback Current Limit
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
OUTPUT CURRENT [mA]
1x Mode
LED Current vs. LED Pin Voltage
0
10
20
30
40
0
50
100 150 200 250 300
LED PIN VOLTAGE [mV]
Dimming Waveform


Similar Part No. - CAT3644HV3-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3644HV3-T2 CATALYST-CAT3644HV3-T2 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3644HV3-T2 ONSEMI-CAT3644HV3-T2 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
More results

Similar Description - CAT3644HV3-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3643 CATALYST-CAT3643 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3644_0710 CATALYST-CAT3644_0710 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3643_0710 CATALYST-CAT3643_0710 Datasheet
328Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver
logo
ON Semiconductor
CAT3643HV2-T2 ONSEMI-CAT3643HV2-T2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
logo
Catalyst Semiconductor
CAT3648 CATALYST-CAT3648 Datasheet
343Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver with 32 Dimming Levels
logo
ON Semiconductor
CAT3648 ONSEMI-CAT3648 Datasheet
216Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
May, 2010 ??Rev. 2
CAT3648HV3-GT2 ONSEMI-CAT3648HV3-GT2 Datasheet
301Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
Doc. No. MD-5031, Rev. C
CAT3648 ONSEMI-CAT3648_14 Datasheet
203Kb / 13P
   4-Channel Ultra High Efficiency LED Driver
August, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com