Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230006 Datasheet(PDF) 2 Page - Littelfuse

Part # 230006
Description  2AG Slo-Blo Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

230006 Datasheet(HTML) 2 Page - Littelfuse

  230006 Datasheet HTML 1Page - Littelfuse 230006 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
398
www .littelfuse .com
Subminiature Glass Body
2AG Slo-Blo® Fuse 229/230 Series
Our standard 229 and 230 Series Slo-Blo® fuses meet the demanding
requirements of the Telecom industry. These Fuses combine
conventional overcurrent protection with the ability to withstand high cur-
rent, short duration pulses. These fuses comply with the short circuit
requirements of UL 1459 for telephone equipment. Insulating Sleeve
Option available. We have characterized these fuses for the Telecom
industry requirements as shown below.
ELECTRICAL CHARACTERISTICS:
Short Circuit Capabilities:
UL 60950 (UL 1459 Included):
60A,
600VAC
40A,
600VAC
7A,
600VAC
2.2A,
600VAC
• Meets UL 497 Specifications
PEAK WITHSTAND CURRENT (lp): These fuses will withstand 50
repetitions of a double exponential impulse wave having peak currents
(lp) and peak voltages as listed.
SURGE WITHSTAND SPECIFICATIONS
Cartridge
Axial Lead
10 x 160
10 x 560
10 x 1000
Catalog
Catalog
Ampere microsec.
microsec.
microsec.
Number
Number
Rating
1500V
800V
1000V
229.250
230.250
1/4
23.0A
16.6A
12.4A
229.350
230.350
.350
34.0A
25.8A
19.3A
229.375
230.375
3/8
40.0A
25.4A
19.0A
229.500
230.500
1/2
60.0A
37.7A
28.2A
229.600
230.600
6/10
71.0A
47.2A
35.3A
229.750
230.750
3/4
91.0A
65.5A
49.0A
229.800
230.800
8/10
104.0A
68.9A
51.6A
229 001
230 001
1
130.0A
88.6A
66.3A
229 1.25
230 1.25
11/41
162.0A
118.1A
100.0A
1 500A peak, 2500V, 2 x 10 microseconds, 20 repetitions.
The 2AG Indicating Slo-Blo® fuse instantly identifies itself upon
opening by showing a discoloration of its glass body. Guesswork
and time consuming circuit testing are eliminated. This unique
design offers the same quality performance characteristics as
the standard 2AG fuse design.
* When ordering the 2AG Indicating Slo-Blo Fuse, an ‘S’ is
required after the catalog number.
Example:
-1A Indicating Slo-Blo® Fuse = 230 001S
INDICATING SLO-BLO® FUSE
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10–55 Hz, 0.06 inches
total excursion).
Salt Spray: MIL-STD-202 Method 101, Test Condition B (48 hours).
Insulation Resistance (After Opening): MIL-STD-202, Method 302,
Test Condition B.
Resistance to Soldering Heat: (Axial Leaded Fuses):
MIL-STD-202, Method 210A, Test Condition B (260°C, 3 Seconds).
Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (–65°C to 125°C).
Moisture Resistance: MIL-STD-202, Method 106
(90-98% RH, 65°C).
Solderability: (Axial Leaded Fuses): MIL-STD-202,
Method 208.
PHYSICAL SPECIFICATIONS:
Materials: Glass Body, Nickel-Plated Brass Fuse Caps.
(Insulating sleeve option available).
SOLDERING PARAMETERS:
Wave solder — 500°F (260°C), 3 seconds Max.
Reflow solder — Not recommended.
2AG 229/230 Series General Specifications
2AG Special Surge Withstand
AXIAL LEAD PART NUMBER: 220 003 (0.35A)
ELECTRICAL CHARACTERISTICS:
Amperes
Opening Time
0.35A
4 hours,
Minimum
0.6A
90 seconds,
Maximum
2.0A
2 seconds,
Maximum
6.0A
0.5 second,
Maximum
INTERRUPTING RATINGS: Same as 230 Series.
LIGHTNING SURGE WITHSTAND CAPABILITY: 25
amperes peak, 800V, 10 x 560 microseconds.
PATENTED
Refer to page 50 for other Surge Withstand Fuses.
®
UL
Slo-Blo® Type


Similar Part No. - 230006

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
230006-01 QUALTEK-230006-01 Datasheet
163Kb / 1P
   POWER CORD
logo
Littelfuse
230006P LITTELFUSE-230006P Datasheet
118Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
230006P LITTELFUSE-230006P Datasheet
117Kb / 2P
   2AG Slo-Blo Fuse
More results

Similar Description - 230006

ManufacturerPart #DatasheetDescription
logo
Littelfuse
229250P LITTELFUSE-229250P Datasheet
117Kb / 2P
   2AG Slo-Blo Fuse
203250 LITTELFUSE-203250 Datasheet
48Kb / 1P
   FLAT-PAK Slo-Blo Fuse
0375012.M LITTELFUSE-0375012.M Datasheet
264Kb / 1P
   3AG SLO-BLO FUSE, M-PACKED
047303.5YRT1- LITTELFUSE-047303.5YRT1- Datasheet
23Kb / 1P
   PICO II Slo-Blo Type Fuse
0473003.YRT3- LITTELFUSE-0473003.YRT3- Datasheet
23Kb / 1P
   PICO II Slo-Blo Type Fuse
0473004.YRT3- LITTELFUSE-0473004.YRT3- Datasheet
23Kb / 1P
   PICO II Slo-Blo Type Fuse
326 LITTELFUSE-326 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
313 LITTELFUSE-313 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com