Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240 Datasheet(PDF) 1 Page - Littelfuse

Part # 240
Description  5x25mm MINIATURE FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

240 Datasheet(HTML) 1 Page - Littelfuse

  240_06 Datasheet HTML 1Page - Littelfuse 240_06 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
012006
1500A @ 250 V AC
50Hz
cos ϕ = 0.7
25±0,5
Kappe mit Kennmelder
cap with indicator
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSES
USES
USES
USES
USES
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is 100
100
100
100
100 % at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
% at ambient temperature of 23ºC (73.4ºF).
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
002: Pack (100 pcs.)
Materials
Materials
Materials
Materials
Materials
Tube:
Ceramic
End Caps: Nickel-plated brass
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-25ºC to +70ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-25ºC/+70ºC/21 days (EN 60068-1..3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-2-6)
10 - 60Hz at 0.75mm amplitude
60 - 2000Hz at 10g acceleration
Marking
Marking
Marking
Marking
Marking
, F, Current Rating, 250V
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
240
Indicator
Indicator
Indicator
Indicator
Indicator, 250V
, 250V
, 250V
, 250V
, 250V
TTTTTime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
ime-Current Characteristic
Quick Acting (F)
Standard
Standard
Standard
Standard
Standard
None
Approvals
Approvals
Approvals
Approvals
Approvals
None
5x25mm
5x25mm
5x25mm
5x25mm
5x25mm/ No. 240
240
240
240
240
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Limits for Pre-arcing Time
Rated Current
1.5 x I
Rated
2.1 x I
Rated
4 x I
Rated
10 x I
Rated
1.60A ... 6.3A
> 1h
< 30 min
< 300ms
< 20ms
Rated
Amp
Voltage
Breaking
Voltage Drop Power Dissipation Melting Integral
color of indicator
Current
Code
Rating
Capacity
1.0 x I
Rated
1.5 x I
Rated
10 x I
Rated
max. (mV)
max. (W)
max. (A2s)
1.6A
1160
250V1
640
1.3
orange
2.0A
1200
250V1
420
2.5
blue
2.5A
1250
250V1
320
5.8
yellow
4.0A
1400
250V1
200
21.0
brown
6.3A
1630
250V1
170
78.0
green
on request
1
Operating Voltage ≥ 10 V


Similar Part No. - 240_06

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
240-061-23-50 MARL-240-061-23-50 Datasheet
202Kb / 4P
   Direct replacement for BA15d
240-061-23-50 MARL-240-061-23-50 Datasheet
202Kb / 4P
   Ideal for high vibration applications
240-061-25-50 MARL-240-061-25-50 Datasheet
202Kb / 4P
   Direct replacement for BA15d
240-061-25-50 MARL-240-061-25-50 Datasheet
202Kb / 4P
   Ideal for high vibration applications
240-061-62 MARL-240-061-62 Datasheet
202Kb / 4P
   Direct replacement for BA15d
More results

Similar Description - 240_06

ManufacturerPart #DatasheetDescription
logo
Littelfuse
241 LITTELFUSE-241_06 Datasheet
103Kb / 2P
   5x25mm MINIATURE FUSES
241 LITTELFUSE-241 Datasheet
103Kb / 2P
   MINIATURE FUSES - 5x25mm
240 LITTELFUSE-240 Datasheet
79Kb / 2P
   MINIATURE FUSES - 5x25mm
321 LITTELFUSE-321 Datasheet
71Kb / 2P
   MINIATURE FUSES - 5x25mm
3110800002 LITTELFUSE-3110800002 Datasheet
100Kb / 2P
   MINIATURE FUSES
3210080002 LITTELFUSE-3210080002 Datasheet
72Kb / 2P
   MINIATURE FUSES
20100630021P LITTELFUSE-20100630021P Datasheet
87Kb / 2P
   MINIATURE FUSES
3540630002 LITTELFUSE-3540630002 Datasheet
73Kb / 2P
   MINIATURE FUSES
193 LITTELFUSE-193 Datasheet
63Kb / 2P
   MINIATURE FUSES
358 LITTELFUSE-358 Datasheet
71Kb / 2P
   MINIATURE FUSES - 6.3x32mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com