Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0219025XAP Datasheet(PDF) 1 Page - Littelfuse

Part # 0219025XAP
Description  5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0219025XAP Datasheet(HTML) 1 Page - Littelfuse

  0219025XAP Datasheet HTML 1Page - Littelfuse 0219025XAP Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
432
www .littelfuse .com
Designed to IEC Standard
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Glass
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 6 specification for Time Lag Fuses.
• Available in Cartridge and Axial Lead Format.
• Available in ratings of .040 to 6.3 amperes.
• Enhanced Breaking Capacity, High I2t
• RoHS compliant and Lead-Free
• Improved I2 t
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.125 – 6.3
60 minutes,
Minimum
210%
.125 – 6.3
2 minutes,
Maximum
275%
.125 – 6.3
0.6 sec.,
Min; 10 sec. Max
.04 – .10
0.2 sec.,
Min; 10 sec. Max
400%
.125 – 6.3
.15 sec.,
Min; 3 sec. Max
.04 – .10
0.04 sec.,
Min; 3 sec. Max
1000%
.125 – 6.3
0.02 sec.,
Min; 0.3 sec. Max
.04 – .10
.01 sec.,
Min; 0.3 sec Max
INTERRUPTING RATINGS: 150 amperes @ 250VAC, unity
power factor
ORDERING INFORMATION:
Nominal
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Rating
Rating
Cold Ohms
A2 Sec
0219.040XAP
.040
250
31.862
0.011
0219.050XAP
.050
250
21.292
0.017
0219.063XAP
.063
250
14.268
0.028
0219.100XAP
.100
250
6.018
0.079
0219.125XAP
.125
250
4.20
0.130
0219.160XAP
.160
250
2.550
0.310
0219.200XAP
.200
250
1.60
0.320
0219.250XAP
.250
250
1.05
0.540
0219.315XAP
.315
250
0.848
1.23
0219.400XAP
.400
250
0.535
1.40
0219.500XAP
.500
250
0.370
3.00
0219.630XAP
.630
250
0.275
4.82
0219.800XAP
.800
250
0.164
9.35
0219 001.XAP
1
250
0.116
19.2
0219 1.25XAP
1.25
250
0.082
27.2
0219 01.6XAP
1.6
250
0.055
44.2
0219 002.XAP
2
250
0.045
92.7
0219 02.5XAP
2.5
250
0.030
138.0
0219 3.15XAP
3.15
250
0.023
202.0
0219 004.XAP
4
250
0.016
330.0
0219 005.XAP
5
250
0.012
544.0
0219 06.3XAP
6.3
250
0.011
1093.0
5 x 20 mm Time Lag Fuse (SIo-Blo®) Fuse 219XAP Series
®
®
RoHS
Pb


Similar Part No. - 0219025XAP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0219025XA LITTELFUSE-0219025XA Datasheet
253Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
More results

Similar Description - 0219025XAP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0219125XA LITTELFUSE-0219125XA Datasheet
253Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
219002 LITTELFUSE-219002 Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
221 LITTELFUSE-221 Datasheet
94Kb / 1P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com