Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

216002 Datasheet(PDF) 1 Page - Littelfuse

Part # 216002
Description  5 x 20 mm Fast-Acting Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

216002 Datasheet(HTML) 1 Page - Littelfuse

  216002 Datasheet HTML 1Page - Littelfuse 216002 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
421
www .littelfuse .com
11
Designed to IEC Standard
5 x 20 mm Fast-Acting Fuse 216 Series
®
®
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 1 specification for Fast Acting Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of 0.050 to 10 amperes.
• High breaking capacity.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.05 – 6.3
60 minutes, Minimum
8-16
30 minutes, Minimum
210%
.05 – 16
30 minutes, Maximum
275%
.05 – 4
0.01 sec., Min.; 2 sec. Max.
5– 6.3
0.01 sec., Min.; 3 sec. Max.
8-16
0.04 sec., Min.; 20 sec. Max.
400%
.05 – 6.3
.003 sec., Min.; 0.3 sec. Max.
8-16
.01 sec., Min.; 1.0 sec. Max.
1000%
.05 – 6.3
.02 seconds, Maximum
8-16
.03 seconds, Maximum
INTERRUPTING RATING:
0.05 - 10A
1500A @ 250 VAC, 0.7-0.8 power factor
ORDERING INFORMATION:
Cartridge
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
216.050
.050
250
15.900
0.00019
216.063
.063
250
10.450
0.00054
216.080
.080
250
7.885
0.00084
216.100
.100
250
5.793
0.00450
216.125
.125
250
3.675
0.00545
216.160
.160
250
5.349
0.00576
216.200
.200
250
3.350
0.00438
216.250
.250
250
2.350
0.00891
216.315
.315
250
1.850
0.015
216.400
.400
250
0.903
0.036
216.500
.500
250
0.847
0.169
216.630
.630
250
0.466
0.179
216.800
.800
250
0.295
0.288
216 001
1
250
0.237
0.180
216 1.25
1.25
250
0.153
0.477
216 01.6
1.6
250
0.111
1.008
216 002
2
250
0.076
1.870
216 02.5
2.5
250
0.058
2.697
216 3.15
3.15
250
0.037
6.700
216 004
4
250
0.025
14.996
216 005
5
250
0.018
27.460
216 06.3
6.3
250
0.014
56.429
216 008
8*
250
0.010
64.316
216 010
10*
250
0.008
154.339
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Ceramic
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Filler
Sand (160mA – 10A)
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).


Similar Part No. - 216002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
216002 LITTELFUSE-216002 Datasheet
90Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216002 LITTELFUSE-216002 Datasheet
128Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216002P LITTELFUSE-216002P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results

Similar Description - 216002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
02351.25HXE- LITTELFUSE-02351.25HXE- Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0235.100HXE LITTELFUSE-0235.100HXE Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0216.050HXP LITTELFUSE-0216.050HXP Datasheet
344Kb / 4P
   216 Series, 5 x 20 mm, Fast-Acting Fuse
0217.032HXP LITTELFUSE-0217.032HXP Datasheet
232Kb / 4P
   217 Series, 5 x 20 mm, Fast-acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com