Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

217250P Datasheet(PDF) 1 Page - Littelfuse

Part # 217250P
Description  5 x 20 mm Fast-Acting Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

217250P Datasheet(HTML) 1 Page - Littelfuse

  217250P Datasheet HTML 1Page - Littelfuse 217250P Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
411
www .littelfuse .com
11
Designed to IEC Standard
5 x 20 mm Fast-Acting Fuse 217P Series
®
®
RoHS
Pb
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 2 specification for Fast-Acting Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of 0.032 to 15 amperes.
• RoHS Compliant and Lead-Free
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.032 – 6.3
60 minutes, Minimum
8-15
30 minutes, Minimum
210%
.032-15
30 minutes, Maximum
275%
.032 – .100
0.01 sec., Min.; .5 sec. Max.
.125 – 15
0.05 sec., Min.; 2 sec. Max.
400%
.032 – .100
.003 sec., Min.; 0.1 sec. Max.
.125 – 6.3
.01 sec., Min.; 0.3 sec. Max.
8 - 15
.01 sec., Min.; 0.4 sec. Max.
1000%
.032 – 6.3
.02 second, Maximum
8-15
.04 second, Maximum
INTERRUPTING RATING: 35 amperes or 10 x rated current;
(whichever is greater) to a maximum 100 amperes @ 250VAC, unity
Power Factor.
ORDERING INFORMATION:
Cartridge
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
217.032P
.032
250
262.2
0.000060
217.040P
.040
250
183.2
0.000085
217.050P
.050
250
15.20
0.000190
217.063P
.063
250
10.45
0.000555
217.080P
.080
250
7.890
0.000828
217.100P
.100
250
5.775
0.00450
217.125P
.125
250
3.820
0.00477
217.160P
.160
250
2.525
0.010
217.200P
.200
250
1.700
0.024
217.250P
.250
250
1.233
0.042
217.315P
.315
250
0.894
0.112
217.400P
.400
250
0.277
0.127
217.500P
.500
250
0.207
0.219
217.630P
.630
250
0.190
0.409
217.800P
.800
250
0.120
0.847
217 001.P
1
250
0.096
1.042
217 1.25P
1.25
250
0.070
2.230
217 01.6P
1.6
250
0.053
4.616
217 002P
2
250
0.042
5.726
217 02.5P
2.5
250
0.033
9.460
217 3.15P
3.15
250
0.022
17.722
217 004.P
4
250
0.016
29.164
217 005.P
5
250
0.014
42.796
217 06.3P
6.3
250
0.009
62.466
217 008.P
8*
250
0.007
198.158
217 010.P
10*
250
0.006
217.633
217 015.P
15*
250
0.004
607.133
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Glass
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Terminal strength: MIL-STD-202F Method 211A, Test Condition A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).


Similar Part No. - 217250P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
217250 LITTELFUSE-217250 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results

Similar Description - 217250P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
02351.25HXE- LITTELFUSE-02351.25HXE- Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0235.100HXE LITTELFUSE-0235.100HXE Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
0216.050HXP LITTELFUSE-0216.050HXP Datasheet
344Kb / 4P
   216 Series, 5 x 20 mm, Fast-Acting Fuse
0217.032HXP LITTELFUSE-0217.032HXP Datasheet
232Kb / 4P
   217 Series, 5 x 20 mm, Fast-acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com