Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0213002 Datasheet(PDF) 2 Page - Littelfuse

Part # 0213002
Description  5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0213002 Datasheet(HTML) 2 Page - Littelfuse

  0213002 Datasheet HTML 1Page - Littelfuse 0213002 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
416
www .littelfuse .com
5 x 20 mm Time Lag Fuse (Slo-Blo®) Fuse 213P Series
RoHS
®
®
Pb
0213 000P
20+0.5
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
0213 000 XEP
0.65
40
22.5 MAX
5.8 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
Agency Approvals
Agency Approvals
Ampere Range
®
®
Certificate No.
2002010207007597
200mA – 6.3A
2003010207045592
5A
Recognised File No. E10480
Guide No.
JDYX2
File No.
029862
Acc. Class No.
LR1422-30
Licence No.
KM41462
File No.
9905092, 9923025,
304515
Certificate No
Cartridge
NBK120802-E10480 A&C
Leaded
NBK120802-E10480 B&D
1A – 6.3A
200mA – 6.3A
1000
100
10
1
0.1
CURRENT IN AMPERES
0.001
0.01
0.1
1
10
100
1000
10000
Average Time Current Curves
V
DE
Licence No.
40015638
200mA – 4A,
6.3A


Similar Part No. - 0213002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0213002. LITTELFUSE-0213002. Datasheet
234Kb / 4P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
0213002.MRET1P LITTELFUSE-0213002.MRET1P Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0213002.MXE- LITTELFUSE-0213002.MXE- Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0213002.MXEP LITTELFUSE-0213002.MXEP Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0213002.MXP LITTELFUSE-0213002.MXP Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
More results

Similar Description - 0213002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
221 LITTELFUSE-221 Datasheet
94Kb / 1P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
0219125XA LITTELFUSE-0219125XA Datasheet
253Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
0219040XAP LITTELFUSE-0219040XAP Datasheet
236Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
219002 LITTELFUSE-219002 Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com