Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

218032 Datasheet(PDF) 2 Page - Littelfuse

Part # 218032
Description  5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

218032 Datasheet(HTML) 2 Page - Littelfuse

  218032 Datasheet HTML 1Page - Littelfuse 218032 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
418
www .littelfuse .com
5 x 20 mm Time Lag Fuse (Slo-Blo®) Fuse 218 Series
®
®
CURRENT IN AMPERES
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
10000
Average Time Current Curves
Agency Approvals
Agency Approvals
Ampere Range
®
®
Certificate No.
2002010207007596
32mA – 6.3A
Certificate No.
SU05001-3005
32mA – 40mA
SU05001-2008
50mA – 800mA
SU05001-2009
1A – 10A
Recognised File No. E10480
Guide No.
JDYX2
File No.
029862
Acc. Class No.
LR1422-30
Licence No.
KM41462
80mA – 6.3A
File No.
9850004, 9840179,
9446070, 9708209,
9843043, 312377 & 304650
Certificate No.
Cartridge
NBK120802-E10480 A&C
Leaded
NBK120802-E10480 B&D
1A – 15A
32mA – 15A
32mA – 6.3A
32mA – 15A
0218 000
20+0.5
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
40
22.5 MAX
5.8 MAX
0218015. XE
0218.125 XE
to
0218.100XE
0218.032 XE
to
0.65
0.65*
40
22.5 MAX
6.0 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
Note: 8A and 10A are under consideration by IEC(125V).
Designed to IEC Standard


Similar Part No. - 218032

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2180324-1 TEC-2180324-1 Datasheet
8Mb / 7P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2180324-1 TEC-2180324-1 Datasheet
3Mb / 7P
   ZSFP PLUGGABLE I/O INTERCONNECT
2180324-2 TEC-2180324-2 Datasheet
8Mb / 7P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2180324-2 TEC-2180324-2 Datasheet
3Mb / 7P
   ZSFP PLUGGABLE I/O INTERCONNECT
2180324-3 TEC-2180324-3 Datasheet
8Mb / 7P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 218032

ManufacturerPart #DatasheetDescription
logo
Littelfuse
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
221 LITTELFUSE-221 Datasheet
94Kb / 1P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
0219125XA LITTELFUSE-0219125XA Datasheet
253Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
0219040XAP LITTELFUSE-0219040XAP Datasheet
236Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
219002 LITTELFUSE-219002 Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com