Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3383PWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74CBT3383PWG4
Description  10-BIT FET BUS-EXCHANGE SWITCHES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3383PWG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT3383PWG4 Datasheet HTML 1Page - Texas Instruments SN74CBT3383PWG4 Datasheet HTML 2Page - Texas Instruments SN74CBT3383PWG4 Datasheet HTML 3Page - Texas Instruments SN74CBT3383PWG4 Datasheet HTML 4Page - Texas Instruments SN74CBT3383PWG4 Datasheet HTML 5Page - Texas Instruments SN74CBT3383PWG4 Datasheet HTML 6Page - Texas Instruments SN74CBT3383PWG4 Datasheet HTML 7Page - Texas Instruments SN74CBT3383PWG4 Datasheet HTML 8Page - Texas Instruments SN74CBT3383PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54CBT3383, SN74CBT3383
10BIT FET BUSEXCHANGE SWITCHES
SCDS003O − NOVEMBER 1992 − REVISED JULY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
description/ordering information
The ’CBT3383 devices provide ten bits of
high-speed TTL-compatible bus switching or
exchanging. The low on-state resistance of the
switch allows connections to be made with
minimal propagation delay.
The devices operate as a 10-bit bus switch or a
5-bit bus exchanger, which provides swapping of
the A and B pairs of signals. The bus-exchange
function is selected when BX is high. The switches
are connected when BE is low.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − DW
Tube
SN74CBT3383DW
CBT3383
SOIC − DW
Tape and reel
SN74CBT3383DWR
CBT3383
SSOP − DB
Tape and reel
SN74CBT3383DBR
CU383
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
SN74CBT3383DBQR
CBT3383
−40 C to 85 C
TSSOP − PW
Tube
SN74CBT3383PW
CU383
TSSOP − PW
Tape and reel
SN74CBT3383PWR
CU383
TVSOP − DGV
Tape and reel
SN74CBT3383DGVR
CU383
−55
°C to 125°C
CDIP − JT
Tube
SNJ54CBT3383JT
SNJ54CBT3383JT
−55
°C to 125°C
CFP − W
Tube
SNJ54CBT3383W
SNJ54CBT3383W
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
INPUTS/OUTPUTS
BE
BX
1A1−5A1
1A2−5A2
L
L
1B1−5B1
1B2−5B2
L
H
1B2−5B2
1B1−5B1
H
X
Z
Z
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2004, Texas Instruments Incorporated
SN54CBT3383 ...JT OR W PACKAGE
SN74CBT3383 . . . DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
BE
1B1
1A1
1A2
1B2
2B1
2A1
2A2
2B2
3B1
3A1
GND
VCC
5B2
5A2
5A1
5B1
4B2
4A2
4A1
4B1
3B2
3A2
BX
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74CBT3383PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3383PW TI-SN74CBT3383PW Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN74CBT3383PW TI1-SN74CBT3383PW Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
SN74CBT3383PWLE TI1-SN74CBT3383PWLE Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
SN74CBT3383PWR TI1-SN74CBT3383PWR Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
SN74CBT3383PWRG4 TI1-SN74CBT3383PWRG4 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
More results

Similar Description - SN74CBT3383PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBT3383 TI-SN54CBT3383 Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI-SN54CBT16209_07 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A Datasheet
353Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI-SN54CBT16209 Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI1-SN54CBT16209_15 Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
logo
Renesas Technology Corp
HD74CBT16212A RENESAS-HD74CBT16212A Datasheet
124Kb / 13P
   24-bit FET Bus-Exchange Switches
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com