Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY249-800 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BY249-800
Description  Rectifier diodes general purpose
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY249-800 Datasheet(HTML) 2 Page - NXP Semiconductors

  BY249-800 Datasheet HTML 1Page - NXP Semiconductors BY249-800 Datasheet HTML 2Page - NXP Semiconductors BY249-800 Datasheet HTML 3Page - NXP Semiconductors BY249-800 Datasheet HTML 4Page - NXP Semiconductors BY249-800 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY249 series
general purpose
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
2.0
K/W
mounting base
R
th j-a
Thermal resistance junction to
in free air.
-
60
-
K/W
ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
F
Forward voltage
I
F = 20 A
-
1.2
1.6
V
I
F = 5 A; Tj = 100 ˚C
-
0.9
1.05
V
I
R
Reverse current
V
R = VRWM; Tj = 125 ˚C
-
0.1
0.4
mA
September 1998
2
Rev 1.300


Similar Part No. - BY249-800

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY2000 DIOTEC-BY2000 Datasheet
188Kb / 2P
   Silicon Rectifiers
logo
Semikron International
BY2000 SEMIKRON-BY2000 Datasheet
134Kb / 2P
   Standard silicon rectifier diodes
logo
Diotec Semiconductor
BY2000 DIOTEC-BY2000 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY2000 DIOTEC-BY2000 Datasheet
99Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
BY2000 DIOTEC-BY2000 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - BY249-800

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
M100A SUNMATE-M100A Datasheet
310Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER DIODES
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
   General purpose diodes
1996 Sep 17
logo
New Jersey Semi-Conduct...
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
   General Purpose Diodes
1S940 NJSEMI-1S940 Datasheet
351Kb / 1P
   General Purpose Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com