Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

215200P Datasheet(PDF) 1 Page - Littelfuse

Part # 215200P
Description  5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

215200P Datasheet(HTML) 1 Page - Littelfuse

  215200P Datasheet HTML 1Page - Littelfuse 215200P Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
427
w w w. l i t t e l f u s e . c o m
11
Designed to IEC Standard
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 5 specification for Time Lag Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of .125 to 12 amperes.
• High breaking capacity.
• RoHS compliant and Lead-Free
• Improved I2 t
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.1-6.3
60 minutes,
Minimum
8-12
30 minutes,
Minimum
210%
.1-12
30 minutes,
Maximum
275%
.1-.8
.25 sec.,
Min.; 80 sec. Max.
1-12
.75 sec.,
Min.; 80 sec. Max.
.1-.8
.05 sec.,
Min.; 5 sec. Max.
400%
1–3.15
.095 sec.,
Min.; 5 sec. Max.
4–6.3
.150 sec.,
Min.; 5 sec. Max.
.1-.8
.005 sec.,
Min.; .15 sec., Max.
1000%
1-12
.010 sec.,
Min.; .15 sec., Max.
INTERRUPTING RATING: 1500 amperes @ 250VAC,
0.7-0.8 power factor.
ORDERING INFORMATION:
Cartridge
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Rating
Rating
Cold Ohms
A2 Sec.
215.125P
.125
250
7.585
0.033
215.160P
.160
250
7.100
0.046
215.200P
.200
250
1.840
0.341
215.250P
.250
250
1.240
0.545
215.315P
.315
250
0.880
0.974
215.400P
.400
250
0.583
1.324
215.500P
.500
250
1.168
0.424
215.630P
.630
250
0.720
0.633
215.800P
.800
250
0.468
0.974
215 001.P
1
250
0.152
2.360
215 1.25P
1.25
250
0.107
4.240
215 01.6P
1.6
250
0.071
8.120
215 002.P
2
250
0.057
14.760
215 02.5P
2.5
250
0.039
32.050
215 3.15P
3.15
250
0.028
89.970
215 004.P
4
250
0.019
37.684
215 005.P
5
250
0.015
80.675
215 06.3P
6.3
250
0.011
129.022
215 008.P
8
250
0.009
204.001
215 010.P
10
250
0.007
351.037
215 012.P
12
250
0.006
515.500
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Ceramic
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Filler: Sand (500mA – 12A)
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
5 x 20 mm Time Lag Fuse (Slo-Blo® Fuse) 215P Series
®
®
RoHS
Pb


Similar Part No. - 215200P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
More results

Similar Description - 215200P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
221 LITTELFUSE-221 Datasheet
94Kb / 1P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
0219125XA LITTELFUSE-0219125XA Datasheet
253Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
0219040XAP LITTELFUSE-0219040XAP Datasheet
236Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
219002 LITTELFUSE-219002 Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com