Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VP531 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # VP531
Description  NTSC/PAL Digital Video Encoder
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

VP531 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  VP531 Datasheet HTML 1Page - Zarlink Semiconductor Inc VP531 Datasheet HTML 2Page - Zarlink Semiconductor Inc VP531 Datasheet HTML 3Page - Zarlink Semiconductor Inc VP531 Datasheet HTML 4Page - Zarlink Semiconductor Inc VP531 Datasheet HTML 5Page - Zarlink Semiconductor Inc VP531 Datasheet HTML 6Page - Zarlink Semiconductor Inc VP531 Datasheet HTML 7Page - Zarlink Semiconductor Inc VP531 Datasheet HTML 8Page - Zarlink Semiconductor Inc VP531 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
VP531E/VP551E
2
66.83
1.050
27k
1.3699
24.93
80
33.75
17.64
1.40
7.62
7.62
0.40
34.15
18.71
8.02
8.02
0.00
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated): As specified in Recommended Operating Conditions
DC CHARACTERISTICS
VIN
VIL
VIH
VIL
IIH
IIL
VOH
VOL
VOL
2.0
0.7 VDD
3.7
0.8
0.3 VDD
10
-10
0.4
0.6
V
V
V
V
µA
µA
V
V
V
Parameter
Conditions
VIN = VDD
VIN = VSS
IOH = -1mA
IOL = +4mA
IOL = +6mA
Symbol
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated): As specified in Recommended Operating Conditions
DC CHARACTERISTICS DACs
INL
DNL
VREF
ZR
IREF
KDAC
±1.5
±1
±5
LSB
LSB
% grey
µA
V
mA
pV-s
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Parameter
Symbol
Min.
Typ.
Max.
Units
Accuracy (each DAC)
Integral linearity error
Diffential linearity error
DAC matching error
Monotonicity
LSB size
Internal reference voltage
Internal reference voltage output impedance
Reference Current (VREF/RREF) RREF = 769
DAC Gain Factor (VOUT = KDAC x IREF x RL). VOUT = DAC code 511
Peak Glitch Energy (see fig.8)
CVBS (see note), Y and C - NTSC (pedestal enabled)
Maximum output, relative to sync bottom
White level relative to black level
Black level relative to blank level
Blank level relative to sync level
Colour burst peak - peak
DC offset (bottom of sync)
CVBS, Y and C - PAL
Maximum output
White level relative to black level
Black level relative to sync level
Colour burst peak - peak
DC offset (bottom of sync)
Digital Inputs TTL compatible (except SDA, SCL)
Input high voltage
Input low voltage
Digital Inputs SDA, SCL
Input high voltage
Input low voltage
Input high current
Input low current
Digital Outputs CMOS compatible
Output high voltage
Output low voltage
Digital Output SDA
Output low voltage
guaranteed
Note: For the inverted CVBS output subtract the above currents from the maximum output (DAC code 511 = 34.12mA).
All figures are for: RREF = 769
Ω, RL = 37.5Ω. When the device is set up in NTSC mode there is a +0.25% error in the PAL levels.
If RL = 75
Ω then RREF = 1538Ω


Similar Part No. - VP531

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP5311B ZARLINK-VP5311B Datasheet
289Kb / 17P
   NTSC/PAL Digital Video Encoder
VP5311B/CG/GP1N ZARLINK-VP5311B/CG/GP1N Datasheet
289Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311BCGGP1N MITEL-VP5311BCGGP1N Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP5311C ZARLINK-VP5311C Datasheet
312Kb / 19P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - VP531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com