Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8808 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SP8808
Description  3.3GHzFixed Modulus Divider
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8808 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SP8808 Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8808 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8808 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8808 Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8808 Datasheet HTML 5Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SP8808
Advance Information
18
27
36
45
SP8808
50
POWER
METER
RATIO
COUNTER
1n
1n
+5V
COAXIAL
SWITCH
0.1
µ
50
SIGNAL
GENERATOR
FROM
OUTPUT
0.1
µ
470
3p
OUTPUT LOAD FOR
AMPLITUDE MEASUREMENTS
Figure 4 - Test circuit
Figure 5 - Typical input impedance


Similar Part No. - SP8808

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8808 MITEL-SP8808 Datasheet
93Kb / 5P
   3.3GHz 첨 8 Fixed Modulus Divider
SP8808A MITEL-SP8808A Datasheet
93Kb / 5P
   3.3GHz 첨 8 Fixed Modulus Divider
SP8808ADG MITEL-SP8808ADG Datasheet
93Kb / 5P
   3.3GHz 첨 8 Fixed Modulus Divider
More results

Similar Description - SP8808

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
   3.3GHz 첨 2 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8802 ZARLINK-SP8802 Datasheet
564Kb / 6P
   3.3GHZ 첨 2 Fixed Modulus Divider
SP8803 ZARLINK-SP8803 Datasheet
520Kb / 5P
   3.3GHZ 첨 32 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8808 MITEL-SP8808 Datasheet
93Kb / 5P
   3.3GHz 첨 8 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
   5GHZ 첨 16 Fixed Modulus Divider
SP8908 ZARLINK-SP8908 Datasheet
408Kb / 6P
   5GHZ 첨 8 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
   5GHZ 첨 4 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
ZL40812 ZARLINK-ZL40812 Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com