Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8719 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SP8719
Description  520MHz LOW CURRENT TWO-MODULUS DIVIDERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8719 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SP8719 Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8719 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8719 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8719 Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8719 Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8719 Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SP8716/8/9
Max.
30
11.9
1
8
1.7
0.41
28
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated):]
Supply voltage: Vcc = +4/95 to 5.45V, Temperature: Tamb = -40
°C to +85°C
Characteristics
Max. frequency
Min. frequency (sinewave input)
Power supply current
Output high voltage
Output low voltage
Control input high voltage
Control input low voltage
Control input high current
Control input low current
Clock to output delay
Set-up time
Release time
Value
Notes
1
2
1
1
1
1
1
1
1
2
2
2
Min.
520
(Vcc - 1.2)
3.3
0
-0.20
10
10
Symbol
fmax
fmin
ICC
VOH
VOL
VINH
VINL
VINH
VINL
tp
ts
tr
Units
MHz
MHz
mA
V
V
V
V
mA
mA
ns
ns
ns
Conditions
Input 100-280mV p-p
Input 400-800mV p-p
CL = 3pF; pins 2, 8 linked
IL = -0.2mA
IL = 0.2mA
÷P
÷P +1
VINH = 8V
VINL = 0V
CL = 10pF
CL = 10pF
CL = 10pF
NOTES
1.
Tested at 25
°C only
2.
Guaranteed but not tested
NOTE
The set-up time ts is defined as the minimum time that can elapse between a L ¡ H transition of the control input
and the next L ¡ H clock pulse transition to ensure that the
÷P mode is obtained.
The release time tr is defined as the minimum time that can elapse between a H ¡ L transition of the control input
and the next L ¡ H clock pulse transition to ensure that the
÷(P +1) mode is obtain
Figure 3 : Timing diagram
*Tested as
specified in
table of
Electrical
Characteristics
Figure 4 : Typical input characteristics
1000
800
600
400
200
0
GUARANTEED *
OPERATING
WINDOW
30
100
200
300
400
500
FREQUENCY IN MHz
280mV
520mV


Similar Part No. - SP8719

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8719 ETC-SP8719 Datasheet
73Kb / 4P
   520MHz LOW CURRENT TWO-MODULUS DIVIDERS
More results

Similar Description - SP8719

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP8718 ETC-SP8718 Datasheet
73Kb / 4P
   520MHz LOW CURRENT TWO-MODULUS DIVIDERS
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
logo
Zarlink Semiconductor I...
ZL4081 ZARLINK-ZL4081 Datasheet
341Kb / 15P
   13.5GHz Fixed Modulus Dividers
logo
Fujitsu Component Limit...
MB501L FUJITSU-MB501L Datasheet
237Kb / 12P
   TWO MODULUS PRESCALERS
MB508 FUJITSU-MB508 Datasheet
93Kb / 8P
   2.3GHz TWO MODULUS PRESCALER
MB510 FUJITSU-MB510 Datasheet
74Kb / 6P
   2.7GHz TWO MODULUS PRESCALER
MB507 FUJITSU-MB507 Datasheet
90Kb / 8P
   1.6GHz TWO MODULUS PRESCALER
logo
OKI electronic componet...
KGL2135 OKI-KGL2135 Datasheet
45Kb / 3P
   1.7 GHz Two-Modulus Prescaler
KGL2132 OKI-KGL2132 Datasheet
45Kb / 3P
   2.0 GHz Two-Modulus Prescaler
logo
M/A-COM Technology Solu...
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com