Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5618AIDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5618AIDR
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5618AIDR Datasheet(HTML) 1 Page - Texas Instruments

  TLV5618AIDR Datasheet HTML 1Page - Texas Instruments TLV5618AIDR Datasheet HTML 2Page - Texas Instruments TLV5618AIDR Datasheet HTML 3Page - Texas Instruments TLV5618AIDR Datasheet HTML 4Page - Texas Instruments TLV5618AIDR Datasheet HTML 5Page - Texas Instruments TLV5618AIDR Datasheet HTML 6Page - Texas Instruments TLV5618AIDR Datasheet HTML 7Page - Texas Instruments TLV5618AIDR Datasheet HTML 8Page - Texas Instruments TLV5618AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TLV5618A
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT
DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
SLAS230H – JULY 1999 – REVISED JULY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Dual 12-Bit Voltage Output DAC
D Programmable Settling Time
– 3
µs in Fast Mode
– 10
µs in Slow Mode
D Compatible With TMS320 and SPI Serial
Ports
D Differential Nonlinearity <0.5 LSB Typ
D Monotonic Over Temperature
D Direct Replacement for TLC5618A (C and I
Suffixes)
D Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control/Print Support
Qualification to Automotive Standards
applications
D Digital Servo Control Loops
D Digital Offset and Gain Adjustment
D Industrial Process Control
D Machine and Motion Control Devices
D Mass Storage Devices
description
The TLV5618A is a dual 12-bit voltage output DAC
with a flexible 3-wire serial interface. The serial
interface is compatible with TMS320, SPI
,
QSPI
, and Microwire serial ports. It is
programmed with a 16-bit serial string containing
4 control and 12 data bits.
The resistor string output voltage is buffered by an
x2 gain rail-to-rail output buffer. The buffer
features a Class-AB output stage to improve
stability and reduce settling time. The program-
mable settling time of the DAC allows the designer
to optimize speed versus power dissipation.
Implemented with a CMOS process, the device is designed for single supply operation from 2.7 V to 5.5 V. It
is available in an 8-pin SOIC package in standard commercial and industrial temperature ranges.
The TLV5618AC is characterized for operation from 0
°C to 70°C. The TLV5618AI is characterized for operation
from – 40
°C to 85°C. The TLV5618AQ is characterized for operation from –40°C to 125°C. The TLV5618AM
is characterized for operation from – 55
°C to 125°C.
AVAILABLE OPTIONS
PACKAGE
TA
PLASTIC DIP
(P)
SOIC
(D)
CERAMIC DIP
(JG)
20 PAD LCCC
(FK)
0
°C to 70°C
TLV5618ACP
TLV5618ACD
–40
°C to 85°C
TLV5618AIP
TLV5618AID
–40
°C to 125°C
TLV5618AQD
TLV5618AQDR
–55
°C to 125°C
TLV5618AMJG
TLV5618AMFK
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
DIN
SCLK
CS
OUTA
VDD
OUTB
REF
AGND
P, D OR JG PACKAGE
(TOP VIEW)
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
NC
OUTB
NC
REF
NC
NC
SCLK
NC
CS
NC
FK PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
SPI and QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corporation.


Similar Part No. - TLV5618AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5618AIDR TI-TLV5618AIDR Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AIDR TI-TLV5618AIDR Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AIDR TI1-TLV5618AIDR Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AIDRG4 TI-TLV5618AIDRG4 Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AIDRG4 TI1-TLV5618AIDRG4 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results

Similar Description - TLV5618AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com