Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2217-25KC Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV2217-25KC
Description  LOW-DROPOUT FIXED-VOLTAGE REGULATOES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2217-25KC Datasheet(HTML) 3 Page - Texas Instruments

  TLV2217-25KC Datasheet HTML 1Page - Texas Instruments TLV2217-25KC Datasheet HTML 2Page - Texas Instruments TLV2217-25KC Datasheet HTML 3Page - Texas Instruments TLV2217-25KC Datasheet HTML 4Page - Texas Instruments TLV2217-25KC Datasheet HTML 5Page - Texas Instruments TLV2217-25KC Datasheet HTML 6Page - Texas Instruments TLV2217-25KC Datasheet HTML 7Page - Texas Instruments TLV2217-25KC Datasheet HTML 8Page - Texas Instruments TLV2217-25KC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TLV2217
LOW DROPOUT FIXEDVOLTAGE REGULATORS
SLVS067L − MARCH 1992 − REVISED APRIL 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at VI = 4.5 V, IO = 500 mA, TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TLV2217-33
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
IO = 20 mA to 500 mA,
VI = 3.8 V to 5.5 V
TJ = 25°C
3.267
3.30
3.333
V
Output voltage
IO = 20 mA to 500 mA,
VI = 3.8 V to 5.5 V
TJ = 0°C to 125°C
3.234
3.366
V
Input voltage regulation
VI = 3.8 V to 5.5 V
5
15
mV
Ripple rejection
f = 120 Hz,
Vripple = 1 VPP
VI = 4.5 V
−62
dB
Output voltage regulation
IO = 20 mA to 500 mA
5
30
mV
Output noise voltage
f = 10 Hz to 100 kHz
500
µV
Dropout voltage
IO = 250 mA
400
mV
Dropout voltage
IO = 500 mA
500
mV
Bias current
IO = 0
2
5
mA
Bias current
IO = 500 mA
19
49
mA
† Pulse-testing techniques are used to maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 22-µF tantalum capacitor,
with equivalent series resistance of 1.5
Ω, on the output.
electrical characteristics at VI = 3.3 V, IO = 500 mA, TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TLV2217-25
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
IO = 20 mA to 500 mA,
VI = 3.0 V to 5.5 V
TJ = 25°C
2.475
2.5
2.525
V
Output voltage
IO = 20 mA to 500 mA,
VI = 3.0 V to 5.5 V
TJ = 0°C to 125°C
2.45
2.55
V
Input voltage regulation
VI = 3.0 V to 5.5 V
4
12
mV
Ripple rejection
f = 120 Hz,
Vripple = 1 VPP,
VI = 4.5 V
−62
dB
Output voltage regulation
IO = 20 mA to 500 mA
4
23
mV
Output noise voltage
f = 10 Hz to 100 kHz
500
µV
Dropout voltage
IO = 250 mA
400
mV
Dropout voltage
IO = 500 mA
500
mV
Bias current
IO = 0
2
5
mA
Bias current
IO = 500 mA
19
49
mA
† Pulse-testing techniques are used to maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 22-µF tantalum capacitor,
with equivalent series resistance of 1.5
Ω, on the output.


Similar Part No. - TLV2217-25KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2217-25KC TI-TLV2217-25KC Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
More results

Similar Description - TLV2217-25KC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
logo
Infineon Technologies A...
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
logo
Texas Instruments
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com