Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUX86P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUX86P
Description  Silicon Diffused Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUX86P Datasheet(HTML) 3 Page - NXP Semiconductors

  BUX86P Datasheet HTML 1Page - NXP Semiconductors BUX86P Datasheet HTML 2Page - NXP Semiconductors BUX86P Datasheet HTML 3Page - NXP Semiconductors BUX86P Datasheet HTML 4Page - NXP Semiconductors BUX86P Datasheet HTML 5Page - NXP Semiconductors BUX86P Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUX86P
BUX87P
Fig.1. Test circuit resistive load. V
IM = -6 to +8 V
V
CC = 250 V; tp = 20 µs; δ = tp / T = 0.01.
R
B and RL calculated from ICon and IBon requirements.
Fig.2. Switching times waveforms with resistive load.
Fig.3. Normalised power dissipation.
PD% = 100
⋅PD/PD
25 ˚C = f (Tmb)
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical base-emitter saturation voltage.
V
BEsat = f(IB); parameter IC
Fig.6. Typical collector-emitter saturation voltage.
V
CEsat = f(IB); parameter IC
tp
T
VCC
R
R
T.U.T.
0
VIM
B
L
1.0E-06
0.0001
0.01
1
0.01
0.1
1
10
0
0.2
0.1
0.05
0.02
0.5
Zth / (K/W)
bux86p
t / s
D=
D =
tp
T
T
P
t
D
t p
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
IBon
-IBoff
ICon
tr
30ns
0
5
10
15
20
0.6
0.7
0.8
0.9
VBESAT / V
BUX86P
IB / mA
IC =
0.2 A
0.1 A
50 mA
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
30
0
2
4
6
8
10
IB / mA
VCESAT / V
BUX86P
IC =
50 mA
0.1 A
0.2 A
November 1995
3
Rev 1.100


Similar Part No. - BUX86P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUX86 SIEMENS-BUX86 Datasheet
107Kb / 5P
   NPN SILICON HIGH VWLTAGE SWITCHING TRANSISTORS
logo
Inchange Semiconductor ...
BUX86 ISC-BUX86 Datasheet
185Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BUX86 NJSEMI-BUX86 Datasheet
117Kb / 2P
   NPN silicon epibase power switching transistors
More results

Similar Description - BUX86P

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com