Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2746G+ Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DS2746G+
Description  Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DS2746G+ Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DS2746G+ Datasheet HTML 5Page - Vishay Siliconix DS2746G+ Datasheet HTML 6Page - Vishay Siliconix DS2746G+ Datasheet HTML 7Page - Vishay Siliconix DS2746G+ Datasheet HTML 8Page - Vishay Siliconix DS2746G+ Datasheet HTML 9Page - Vishay Siliconix DS2746G+ Datasheet HTML 10Page - Vishay Siliconix DS2746G+ Datasheet HTML 11Page - Vishay Siliconix DS2746G+ Datasheet HTML 12Page - Vishay Siliconix DS2746G+ Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS2746 Low-Cost 2-Wire Battery Monitor
9 of 15
Table 1. Current Resolution for Various RSNS Values
CURRENT RESOLUTION (1 LSB)
RSNS
VSS - VSNS
20m
Ω
15m
Ω
10m
Ω
5m
Ω
6.25
μV
312.5µA
416.7µA
625µA
1.25mA
Table 2. Current Range for Various RSNS Values
CURRENT INPUT RANGE
RSNS
VSS - VSNS
20m
Ω
15m
Ω
10m
Ω
5m
Ω
±51.2mV
±2.56A
±3.41A
±5.12A
±10.24A
Every 1024th conversion, the ADC measures its input offset to facilitate offset correction. Offset correction occurs
approximately once per hour. The resulting correction factor is applied to the subsequent 1023 measurements.
During the offset correction conversion, the ADC does not measure the SNS to VSS signal. A maximum error of
1/1024 in the accumulated current register (ACR) is possible, however, to reduce the error, the current
measurement just prior to the offset conversion is displayed in the current register and is substituted for the
dropped current measurement in the current accumulation process. The error due to offset correction is typically
much less than 1/1024 of the expected reading.
CURRENT ACCUMULATION
The Accumulated Current register (ACR) serves as an up/down counter holding a running count of charge stored in
the battery. Current measurement results, plus a programmable bias value are internally summed, or accumulated,
at the completion of each current measurement conversion period with the results displayed in the ACR. The ACR
has a range of 0mVh to +409.6mVh with an LSb of 6.25μVh
. Additional registers hold fractional results of each
accumulation, however, these bits are not user accessible. The ACR count clamps at FFFFh when accumulating
charge values and at 0000h when accumulating discharge values.
Read and write access is allowed to the ACR. Whenever the ACR is written, fractional accumulation results are
cleared. A write to the ACR also forces the ADC to measure its offset and update the offset correction factor.
Current measurement and accumulation resume (using the new offset correction) with the second conversion
following the write to the ACR. Figure 8 describes the ACR address, format, and resolution. Table 3 shows the
ACR’s dynamic range for several different sense resistor options.
Figure 8. Accumulated Current Register Format
MSB—Address 10h
LSB—Address 11h
215 214 213 212 211 210 29
28
27
26
25
24
23
22
21 20
MSb
LSb
MSb
LSb
“S”: sign bit
Units: 6.25
μVh/Rsns


Similar Part No. - DS2746G+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2746G++ DALLAS-DS2746G+ Datasheet
272Kb / 16P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Maxim Integrated Produc...
DS2746G++ MAXIM-DS2746G+ Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
logo
Dallas Semiconductor
DS2746G+TR DALLAS-DS2746G+TR Datasheet
272Kb / 16P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Maxim Integrated Produc...
DS2746G+TR MAXIM-DS2746G+TR Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
More results

Similar Description - DS2746G+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2746 DALLAS-DS2746_07 Datasheet
272Kb / 16P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Maxim Integrated Produc...
DS2746 MAXIM-DS2746 Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
DS2745 MAXIM-DS2745_09 Datasheet
237Kb / 15P
   Low-Cost I2C Battery Monitor
5/09
DS2745 MAXIM-DS2745 Datasheet
223Kb / 14P
   Low-Cost I2C Battery Monitor
091405
DS2745EVKIT MAXIM-DS2745EVKIT Datasheet
150Kb / 11P
   Low-Cost I2C Battery Monitor Evaluation Kit
Rev 11/09
logo
MEMSIC Semiconductor (T...
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
   Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
List of Unclassifed Man...
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com