Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75232-P20-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 75232-P20-T
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75232-P20-T Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 75232-P20-T Datasheet HTML 2Page - Unisonic Technologies 75232-P20-T Datasheet HTML 3Page - Unisonic Technologies 75232-P20-T Datasheet HTML 4Page - Unisonic Technologies 75232-P20-T Datasheet HTML 5Page - Unisonic Technologies 75232-P20-T Datasheet HTML 6Page - Unisonic Technologies 75232-P20-T Datasheet HTML 7Page - Unisonic Technologies 75232-P20-T Datasheet HTML 8Page - Unisonic Technologies 75232-P20-T Datasheet HTML 9Page - Unisonic Technologies 75232-P20-T Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
75232
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R113-005,D
LOGIC SYMBOL AND LOGIC DIAGRAM
RY1
RA1
RY2
RA2
RY3
RA3
DA1
DY1
DA2
DY2
RY4
RA4
DA3
DY3
RY5
RA5
CIRCUIT OF DRIVERS (Resistor value shown are nominal.)
To Other Drivers
Input DAx
VDD
GND
11.6kΩ
9.4kΩ
75.8Ω
4.2kΩ
To Other
Drivers
10.4kΩ
3.3kΩ
68.5Ω
VSS
To Other Drivers
320Ω
DYx Output
CIRCUIT OF EACH RECEIVER (Resistor value shown are nominal.)


Similar Part No. - 75232-P20-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232-P20-T UTC-75232-P20-T Datasheet
352Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - 75232-P20-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com