Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812AL-S8-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 1812AL-S8-R
Description  SINGLE SOUND GENERATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1812AL-S8-R Datasheet(HTML) 4 Page - Unisonic Technologies

  1812AL-S8-R Datasheet HTML 1Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 2Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 3Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 4Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 5Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 6Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 7Page - Unisonic Technologies 1812AL-S8-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1812A/1812B/1813
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-006,E
ABSOLUTE MAXIMUN RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
-0.3~5
V
Input Voltage
VIN
Vss-0.3 ~ VDD+0.3
V
Operating Temperature
TOPR
0~+70
°C
Storage Temperature
TSTG
-40~+150
°C
Note:
1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature
range and assured by design from -20℃~+85℃.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
VDD =3V
2.4
3
3.3
V
“H” Input Voltage
VIH
VDD =3V
2.4
V
“L” Input Voltage
VIL
VDD =3V
0.6
V
Output Source Current
IOH
VDD =3V, VOH=2.5V
-1
-2
mA
Output Sink Current
IOL
VDD =3V, VOL=0.5V
1
2
mA
ENV Source Current
IENV
VDD =3V, VOH=2.5V
-1
-2
mA
LED Source Current
ILED
VDD =3V, VOH=2.5V
-1
-2
mA
Standby Current
IST-BY
VDD =3V
1
5
µA
Operating Current
IDD
VDD =3V, NO LOAD
300
600
µA
Oscillator Frequency
FOSC
R=270k
64
kHz


Similar Part No. - 1812AL-S8-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1812AL-S08-R UTC-1812AL-S08-R Datasheet
215Kb / 7P
   SINGLE SOUND GENERATOR
1812AL-S08-T UTC-1812AL-S08-T Datasheet
215Kb / 7P
   SINGLE SOUND GENERATOR
More results

Similar Description - 1812AL-S8-R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2813 HOLTEK-HT2813 Datasheet
292Kb / 13P
   Single Sound Generator
logo
Unisonic Technologies
1812A UTC-1812A_12 Datasheet
215Kb / 7P
   SINGLE SOUND GENERATOR
logo
Holtek Semiconductor In...
HT2812 HOLTEK-HT2812 Datasheet
343Kb / 17P
   Single Sound Generator
logo
Unisonic Technologies
1812A UTC-1812A_15 Datasheet
301Kb / 8P
   SINGLE SOUND GENERATOR
logo
List of Unclassifed Man...
EV0100 ETC-EV0100 Datasheet
102Kb / 2P
   SINGLE TONE SIREN/ALARM SOUND GENERATOR
logo
Holtek Semiconductor In...
HT2860 HOLTEK-HT2860 Datasheet
553Kb / 9P
   6-Sound Generator
logo
List of Unclassifed Man...
AY-3-8910 ETC1-AY-3-8910 Datasheet
655Kb / 8P
   Programmable Sound Generator
logo
Holtek Semiconductor In...
HT2821 HOLTEK-HT2821 Datasheet
246Kb / 9P
   Dual Sound Generator
HT2844 HOLTEK-HT2844 Datasheet
1Mb / 18P
   4-Sound Generator
logo
List of Unclassifed Man...
AY3-8910 ETC-AY3-8910 Datasheet
532Kb / 5P
   PROGRAMMABLE SOUND GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com