Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4066-S14-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 4066-S14-T
Description  QUAD BILATERAL SWITCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4066-S14-T Datasheet(HTML) 5 Page - Unisonic Technologies

  4066-S14-T Datasheet HTML 1Page - Unisonic Technologies 4066-S14-T Datasheet HTML 2Page - Unisonic Technologies 4066-S14-T Datasheet HTML 3Page - Unisonic Technologies 4066-S14-T Datasheet HTML 4Page - Unisonic Technologies 4066-S14-T Datasheet HTML 5Page - Unisonic Technologies 4066-S14-T Datasheet HTML 6Page - Unisonic Technologies 4066-S14-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-009,C
SPECIAL CONSIDERATIONS
In applications where separate power sources are used to drive VDD and the signal input, the VDD current capability
should exceed VDD/RL (RL=effective external load of the UTC 4066 bilateral switches).This provision avoids any
permanent current flow or clamp action of the VDD supply when power is applied or removed from UTC 4066.
In certain applications, the external load-resistor current may include both VDD and Signal-line components. To
avoid drawing VDD current when switch current flows into terminals 1,4,8 or 11,the voltage drop across the
bidirectional swith must not exceed 0.6V at Ta ≤ 25 ,
or 0.4V at Ta >25℃ (calculated from RON values shown).
NO VDD current will flow through RL if the switch current flows into terminals2, 3, 9 or 10.
AC TEST CIRCUITS AND SWITCHING TIME WAVEFORMS
OU
T
/IN
VC=VDD
VIS
VDD
VOS
RL
200KΩ
CL
50pF
90%
50%
10%
VDD
0V
VDD
0V
VOS
VIS
tf
tf
t
PLN
tPNL
50%
FIGURE 1. t PHL,t PLH Propagation Delay Time Signal Input to Signal Output
CONTROL
VDD
IN/OUT
Vss
1OF 4
SWITCHES
OUT/IN
VC
VDD
VOS
RL
1KΩ
50%
10%
VDD
0V
VOH
0V
tPHZ
FIGURE 2. tPZH, t PHZ Propagation Delay Time Control to Signal Output
VIS=VDD
tPZH
VDD
0V
VOH
0V
50%
90%
VDD
tPZH
tPHZ
CL
50pF
CONTROL
VDD
IN/OUT
OUT/IN
Vss
1 OF 4
SWITCHES
CONTROL
VDD
IN/OUT
OUT/IN
Vss
1OF 4
SWITCHES
VC
VDD
VOS
RL
1KΩ
50%
VDD
0V
VDD
VOL
tPLZ
FIGURE 3 . t PZL, t PLZ Propagation Delay Time Control to Signal Output
VIS=0V
tPZL
VDD
0V
50%
tPZL
tPLZ
VDD
90%
10%
VDD
VOL
CL
50pF
VC
5V
VOS
RL
FIGURE 4. Sine Wave Distortion, Frequency Response and Feedthrough
VIS
-5V
Vc=VDD for distortion and frequency response tests
Vc= Vss for feedthrough test
CONTROL
VDD
IN/OUT
OUT/IN
Vss
1OF 4
SWITCHES
1/f
2.5V
VIS 0V
-2.5V
=


Similar Part No. - 4066-S14-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
4066 NSC-4066 Datasheet
169Kb / 8P
   Quad Bilateral Switch
logo
ON Semiconductor
4066 ONSEMI-4066 Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
logo
STMicroelectronics
4066 STMICROELECTRONICS-4066 Datasheet
77Kb / 9P
   QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
4066 STMICROELECTRONICS-4066 Datasheet
51Kb / 5P
   MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
logo
Toshiba Semiconductor
4066 TOSHIBA-4066 Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results

Similar Description - 4066-S14-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com